Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9SCA Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 16Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 17Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 18Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 19Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 20Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 21Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 22Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 23Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
1-8
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User’s Manual
Motherboard Features
CPU
Single Intel® Xeon E3-1200 series, 2nd generation Intel
Core® i3, Pentium®, Celeron® processor in an LGA 1155
socket
Memory
Four (4) SDRAM slots support up to 32 GB of DDR3 Unbuf-
fered, ECC 1333/1066 memory
Supports dual-channel memory bus
DIMM sizes
UDIMM
1 GB, 2 GB, and 4GB
Chipset
Intel® C204 Standard
Expansion Slots
X9SCA/X9SCA-F Only
Three (3) 33MHz PCI Slots
Two (2) PCI-Express 2.0 x4 in x8 Slots
One (1) PCI-Express 2.0 x16 Slot
X9SCi-LN4/-LN4F Only
One (1) 33MHz PCI Slot
One (1) PCI-Express 2.0 x16 Slot
Integrated Graphics
Matrox® G200eW
Network Connections Two (2) Intel 82574L (Four for the X9SCi-LN4/-LN4F)
Two (2) RJ-45 Rear IO Panel Connectors with Link and
Activity LEDs, Four (4) for the X9SCi-LN4/-LN4F
Single Realtek RTL8201N PHY to support IPMI 2.0 LAN
(X9SCi-LN4F/X9SCA-F Only)
I/O Devices
SATA Connections
SATA 3.0 Ports
Two (2) (I-SATA 0/1)
RAID 0, 1 Support
SATA 2.0 Ports
Four (4) (I-SATA 2~5)
RAID 0, 1, 5, 10
Integrated IPMI 2.0
IPMI 2.0 supported by the WPCM450 Server BMC
(X9SCi-LN4F/X9SCA-F Only)
USB Devices
Two (2) USB ports on the rear I/O panel (USB 0/1)
Six (6) USB header connectors for front access (USB 2/3,
USB 4/5, USB 12/13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com