Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9SCA Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 79Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 80Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 81Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 82Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 83Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 84Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 85Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 86Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
Chapter 4: AMI BIOS
4-9
Legacy USB Support
This feature enables support for legacy USB devices. Select Auto to
disable legacy support if USB devices are not present. Select Dis-
able to have USB devices available only for EFI applicatioins. The
options are
Enabled, Disabled and Auto.
BIOS EHCI Hand-Off
This item is for Operating Systems that does not support Enhanced
Host Controller Interface (EHCI) hand-off. When enabled, EHCI
ownership change will be claimed by the EHCI driver. The settings
are
Enabled and Disabled.
IDE/SATAConfiguration
When this submenu is selected, the AMI BIOS automatically detects the presence
of the IDE Devices and displays the following items:
SATA Mode
This item selects the mode for the installed drives. The options are Disabled, IDE
Mode,
AHCI Mode and RAID Mode.
IDE Mode
The following items are displayed when IDE Mode is selected:
Serial-ATA Controller 0~1
This feature is used to activate/deactivate the SATA controller, and sets
the compatibility mode. The options are Enhanced and
Compatible. The
default of Serial-ATA Controller 1 is
Enhanced.
SATA Port0~Port5
This item displays the information detected on the installed SATA drives
on the particular SATA port.
AHCI Mode
The following items are displayed when AHCI Mode is selected:
Aggressive Link Power Management
This feature Enables or Disables Agressive Link Power Management
support for Cougar Point B0 stepping and later. The options are
Enabled
and Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com