Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9SCA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 17Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 18Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 19Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 20Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 21Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 22Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 23Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 24Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
Chapter 1: Introduction
1-9
Keyboard/Mouse
PS/2 Keyboard/Mouse ports on the I/O backpanel
Serial (COM) Ports
Two (2) Fast UART 16550 connections: one 9-pin RS-232
port (Backplane COM1 port) and one header (FP COM2)
Super I/O
Winbond Super I/O NCT6776F
BIOS
64 Mb SPI AMI BIOS® SM Flash BIOS
Play and Plug (PnP0, DMI 2.3, PCI 2.3, ACPI 1.0/2.0/3.0,
USB Keyboard and SMBIOS 2.5
PowerConfiguration
ACPI/ACPM Power Management
Main Switch Override Mechanism
Keyboard Wake-up from Soft-Off
Internal/External Modem Ring-On
Power-on mode for AC power recovery
PC Health Monitoring CPU Monitoring
Onboard voltage monitors for CPU core, +3.3V, +5V, +/-
12V, +3.3V Stdby, VBAT, Memory, VCORE for CPU
CPU 4-phase switching voltage regulator
CPU/System overheat LED and control
CPU Thermal Trip support
Thermal Monitor 2 (TM2) support
Fan Control
Fan status monitoring with firmware 4-pin (Pulse Width
Modulation) fan speed control
Low noise fan speed control
System Management
PECI (Platform Environment Configuration Interface) 2.0
support
System resource alert via Supero Doctor III
SuperoDoctor III, Watch Dog, NMI
Chassis Intrusion header and detection
CD Utilities
BIOS flash upgrade utility
Drivers and software for Intel® C204 chipset utilities
Other
ROHS 6/6 (Full Compliance, Lead Free)
Dimensions
ATX form factor (12" x 9.6")
Note: For IPMI Configuration Instructions, please refer to the Embedded
IPMI Configuration User's Guide available @ http://www.supermicro.com/
support/manuals/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com