Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9SCA Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 66Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 67Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 68Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 69Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 70Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 71Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 72Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 73Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
3-4
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User's Manual
3-3 Frequently Asked Questions
Question: What type of memory does my motherboard support?
Answer: The X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F supports up to 32GB of
unbuffered ECC DDR3 SDRAM (1.5V, 1333/1066 MHz). See Section 2-3 for details
on installing memory.
Question: How do I update my BIOS?
Answer: It is recommended that you do not upgrade your BIOS if you are not
experiencing any problems with your system. Updated BIOS files are located on
our website at http://www.supermicro.com/support/bios/. Please check our BIOS
warning message and the information on how to update your BIOS on our web
site. Select your motherboard model and download the BIOS ROM file to your
computer. Also, check the current BIOS revision to make sure that it is newer than
your BIOS before downloading. Please unzip the BIOS file onto a bootable device
or a USB pen/thumb drive. To flash the BIOS, run the batch file named "ami.bat"
with the new BIOS ROM file from your bootable device or USB pen/thumb drive.
Use the following format:
F:\> ami.bat BIOS-ROM-filename.xxx <Enter>
Note: Always use the file named “ami.bat” to update the BIOS, and insert
a space between "ami.bat" and the filename. The BIOS-ROM-filename
will bear the motherboard name (i.e., X9SCi) and build version as the
extension. For example, "X9SCA1.218".When completed, your system
will automatically reboot.
When the BIOS flashing screen is completed, the system will reboot and
will show “Press F1 or F2”. At this point, you will need to load the BIOS
defaults. Press <F1> to go to the BIOS setup screen, and press <F9> to
load the default settings. Next, press <F10> to save and exit. The system
will then reboot.
Warning: Do not shut down or reset the system while updating the BIOS
to prevent possible system boot failure!
Note: The SPI BIOS chip installed on this motherboard is not removable.
To repair or replace a damaged BIOS chip, please send your motherboard
to RMA at Supermicro for service.
Question: I think my BIOS is corrupted. How can I recover my BIOS?
Answer: Please see Appendix C-BIOS Recovery for detailed instructions.
Question: What's on the CD that came with my motherboard?
Answer: The supplied compact disc has quite a few drivers and programs that will
greatly enhance your system. We recommend that you review the CD and install the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com