Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 30
 2018 Microchip Technology Inc.
6.6
Digital Filtering and Noise Suppression
The mXT1664T3 supports on-chip filtering of the acquisition data received from the sensor. Specifically, the Noise
Suppression T72 object provides an algorithm to suppress the effects of noise (for example, from a noisy charger
plugged into the user’s product). This algorithm can automatically adjust some of the acquisition parameters on-the-fly
to filter the analog-to-digital conversions (ADCs) received from the sensor.
Additional noise suppression is provided by the Self Capacitance Noise Suppression T108 object. Similar in both design
and configuration to the Noise Suppression T72 object, the Self Capacitance Noise Suppression T108 object is the
noise suppression interface for self capacitance touch measurements.
Noise suppression is triggered when a noise source is detected.
• A hardware trigger can be implemented using the NOISE_IN pin.
• The host driver code can indicate when a noise source is present.
• The noise suppression is also triggered based on the noise levels detected using internal line measurements.The
Noise Suppression T72 and Self Capacitance Noise Suppression T108 object selects the appropriate controls to
suppress the noise present in the system.
6.7
Shieldless Support and Display Noise Suppression
The mXT1664T3 can support shieldless sensor design even with a noisy LCD.
The Optimal Integration feature is not filtering as such, but enables the user to use a shorter integration window. The
integration window optimizes the amount of charge collected against the amount of noise collected, to ensure an optimal
SNR. This feature also benefits the system in the presence of an external noise source. This feature is configured using
the Shieldless T56 object.
Display noise suppression allows the device to overcome display noise simultaneously with external noise. This feature
is based on filtering provided by the Lens Bending T65 object (see Section 6.10 “Lens Bending”).
6.8
Retransmission Compensation
The device can limit the undesirable effects on the mutual capacitance touch signals caused by poor device coupling to
ground, such as poor sensitivity and touch break-up. This is achieved using the Retransmission Compensation T80
object. This object can be configured to allow the touchscreen to compensate for signal degradation due to these
undesirable effects. If self capacitance measurements are also scheduled, the Retransmission Compensation T80
object will use the resultant data to enhance the compensation process.
The Retransmission Compensation T80 object is also capable of compensating for water presence on the sensor if self
capacitance measurements are scheduled. In this case, both mutual capacitance and self capacitance measurements
are used to detect moisture and then, once moisture is detected, self capacitance measurements are used to detect
single touches in the presence of moisture.
6.9
Grip Suppression
The device has grip suppression functionality to suppress false detections from a user’s grip.
Mutual capacitance grip suppression works by specifying a boundary around a touchscreen, within which touches can
be suppressed whilst still allowing touches in the center of the touchscreen. This ensures that an accidental hand touch
on the edge is suppressed while still allowing a “real” (finger) touch towards the center of the screen. Mutual capacitance
grip suppression is configured using the Grip Suppression T40 object.
Self Capacitance grip suppression works by looking for characteristic shapes in the self capacitance measurement
along the touchscreen boundary, and thereby distinguishing between a grip and a touch further into the sensor. Self
capacitance grip suppression is configured using the Self Capacitance Grip Suppression T112 object.
6.10
Lens Bending
The device supports algorithms to eliminate disturbances from the measured signal.
When the sensor suffers from the screen deformation (lens bending) the signal values acquired by normal procedure
are corrupted by the disturbance component (bend). The amount of bend depends on:
• The mechanical and electrical characteristics of the sensor
• The amount and location of the force applied by the user touch to the sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com