Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 83 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 83 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 79Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 80Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 81Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 82Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 83Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 84Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 85Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 86Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 83
14.13 Touch Accuracy and Repeatability
1
14.14 Thermal Packaging
14.14.1
THERMAL DATA
14.14.2
JUNCTION TEMPERATURE
The maximum junction temperature allowed on this device is 125
C.
The average junction temperature in
C (T
J) for this device can be obtained from the following:
If a cooling device is required, use this equation:
where:
•
JA= package thermal resistance, Junction to ambient (C/W) (see Section 14.14.1 “Thermal Data”)
•
JC = package thermal resistance, Junction to case thermal resistance (C/W) (see Section 14.14.1 “Thermal
Data”)
•
HEATSINK = cooling device thermal resistance (C/W), provided in the cooling device datasheet
•PD = device power consumption (W)
•TA is the ambient temperature (C)
14.15 ESD Information
Parameter
Min
Typ
Max
Units
Notes
Linearity (touch only; 5.4 mm electrode
pitch)
–
±1
–
mm
8 mm or greater finger
Linearity (touch only; 4.2 mm electrode
pitch)
–
±0.5
–
mm
4 mm or greater finger
Accuracy
–±1–
mm
Accuracy at edge
–
±2
–
mm
Repeatability
–
±0.25
–
%
X axis with 12-bit resolution
Parameter
Description
Typ
Unit
Condition
Package
JA
Junction to ambient thermal
resistance
42.1
C/W
Still air
136-ball UFBGA 7 × 7 × 0.6 mm
JC
Junction to case thermal
resistance
6.2
C/W
136-ball UFBGA 7 × 7 × 0.6 mm
JA
Junction to ambient thermal
resistance
28.2
C/W
Still air
162-ball UFBGA 10 × 5 × 0.6 mm
JC
Junction to case thermal
resistance
2.4
C/W
162-ball UFBGA 10 × 5 × 0.6 mm
T
J
T
A
P
D
JA

+
=
T
J
T
A
P
D
HEATSINK
JC
+


+
=
Parameter
Value
Reference standard
Human Body Model (HBM)
±2000 V
JEDEC JS–001
Charge Device Model (CDM)
±250 V
JEDEC JS–001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com