Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 41 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 41 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 41
9.5
Generic HID-I2C TLC
The Generic HID-I2C TLC supports an input report for receiving data from the device and an output report for sending
data to the device.
Commands are sent by the host using the output reports. Responses from the device are sent using input reports.
Supported commands are:
• Read/Write Memory Map
• Send Auto-return Messages
The HID-I2C report ID used is that for Object Protocol commands and responses; see Table 9-2 on page 40 for the
value.
9.5.1
READ/WRITE MEMORY MAP COMMAND
This command is used to carry out a write/read operation on the memory map of the device.
The data packet for a read/write command consists of 18 bytes, made up of a 1-byte HID-I2C report ID followed by 17
bytes of data (see Figure 9-1).
FIGURE 9-1:
READ/WRITE MEMORY MAP – GENERIC PACKET FORMAT
9.5.1.1
Command and Response Packets
The command packet has the generic format given in Figure 9-2. The following sections give examples on using the
command to write to the memory map and to read from the memory map.
FIGURE 9-2:
READ/WRITE MEMORY MAP – COMMAND PACKET FORMAT
In Figure 9-2:
• Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40).
• Command ID is the command ID for the write/read operation (0x51)
• NumWx is the number of data bytes to write to the memory map (may be zero). If the address pointer is being
sent, this must include the size of the address pointer.
• NumRx is the number of data bytes to read from the memory map (may be zero).
• Addr 0 and Addr 1 form the address pointer to the memory map (where necessary; may be zero if not needed).
This is typically an address of an object within the device.
• Data 0 to Data 11 are the bytes of data to be written (in the case of a write). Note that data locations beyond the
number specified by NumWx will be ignored.
The response packet has the generic format given in Figure 9-3.
0x05
Touch Hardware Quality Assurance (THQA) report
(see Section 9.6.4 “Touch Hardware Quality Assurance
(THQA) Report”)
Digitizer HID-I2C
TABLE 9-2:
HID-I2C REPORT IDS (CONTINUED)
Report ID
Description
Top-level Collection
Data 16
Data 0
...
Report ID
Packet Data
(17 Bytes)
Rpt ID
Write Data
Data 11
Data 0
...
0x51
NumWx
Address Pointer
(LSByte, MSByte)
Number of Bytes
to Read/Write
NumRx
Addr 0
Addr 1
Rpt ID
Command
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com