Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 84 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 84 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 80Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 81Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 82Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 83Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 84Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 85Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 86Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 87Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 84
 2018 Microchip Technology Inc.
14.16 Soldering Profile
14.17 Moisture Sensitivity Level (MSL)
Profile Feature
Green Package
Average Ramp-up Rate (217
C to Peak)
3
C/s max
Preheat Temperature 175
C ±25C
150 – 200
C
Time Maintained Above 217
C
60 – 150 s
Time within 5
C of Actual Peak Temperature
30 s
Peak Temperature Range
260
C
Ramp down Rate
6
C/s max
Time 25
C to Peak Temperature
8 minutes max
MSL Rating
Package Type(s)
Peak Body Temperature
Specifications
MSL3
BGA
260oC
IPC/JEDEC J-STD-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com