Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FID3Z2KX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FID3Z2KX
Description  The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z2KX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FID3Z2KX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PIN Photodiode
FID3Z2KX/LX
Parameter
Symbol
Conditions
OPTICAL & ELECTRICAL CHARACTERISTICS
(Ta=-40°C to +85°C, λ=1,300 and 1,500nm, Unless otherwise specified)
Unit
Limits
Max.
Typ.
PIN Responsivity
R
VR=1V, 1,300nm
1,500nm
-
0.89
0.80
A/W
-
0.93
0.85
VR=5V,
Ta=25°C
Ta=70°C
Ta=85°C
Dark Current
ID
2
0.1
-
nA
10
-
-
20
-
-
Cut-off Frequency
fc
VR=5V, RL=50Ω,
-3dB from 500kHz
GHz
-
2.0
1.5
Capacitance
Ct
f=1MHz, VR=5V,
pF
1.3
0.9
-
-
Optical Return Loss
ORL
dB
-
30
Min.
Parameter
Symbol
Storage Temperature
Tstg
+90
-40
°C
Operating Case Temperature
-40
+85
°C
Top
PIN Forward Current
-5
mA
IF
PIN Reverse Current
2.0
-mA
IR
PIN Reverse Voltage
20
0V
VR
Unit
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, Unless otherwise specified)
Note 1: Optical characteristics are specified on the condition that
single-mode fiber is used for the optical source for the testing.
Limits
Max.
Min.
Variation of Responsitivity
∆R
%
±3
-
-
±4
-
-
VR=1V, -20 to +70°C
-40 to +85
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com