Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FID3Z2KX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FID3Z2KX
Description  The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z2KX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FID3Z2KX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FID3Z2KX/LX
PIN Photodiode
Ta = 25°C
Fig. 7 Capacitance vs. Reverse Voltage
Fig. 6 Frequency Response
2
-9
-12
-6
-3
0
10
102
103
Fig. 5 Dark Current vs. Temperature
-20
0
20
40
60
80
-40
10-11
10-12
10-9
10-8
10-13
10-10
Temperature, Ta (
°C)
Frequency (MHz)
VR=5V
VR=5V
RL = 50Ω
λ = 1,310nm
10
550
0.5
0.2
1
Reverse Voltage, VR (V)
1
0.1
10
Ta=25°C
f=1 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com