Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FID3Z2KX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FID3Z2KX
Description  The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z2KX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FID3Z2KX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Edition 1.1
July 2004
1
PIN Photodiode
FID3Z2KX/LX
FEATURES
• Data rates up to 2.5 Gb/s
• High Quantum Efficiency: 0.8A/W at 1,310nm
• Low dark current: 0.1nA
• Photosensitive area: 50µm diameter
• Wide spectral response range: 900nm to 1,600nm
APPLICATIONS
• Optical transmission system: STM-1 (OC-3),
STM-4 (OC-12) or STM-16 (OC-48) short haul.
DESCRIPTION
The FID3Z2KX/LX is a PIN photodiode with a multimode
fiber pigtail designed for use in local area network, subscriber loop
and high bit-rate tranmission system applications up to 2.5 Gb/s at
both 1,310nm and 1,550nm wavelength. The PIN chip has a
photosensitivity area diameter of 50µm with a planar structure and
guardring for high reliability. A multimode fiber is aligned to the
hermetically sealed PIN diode. The optical alignment system has
the high coupling stability.
LX
KX


Similar Part No. - FID3Z2KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FID3Z1KX ETC1-FID3Z1KX Datasheet
248Kb / 6P
The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
FID3Z1LX ETC1-FID3Z1LX Datasheet
248Kb / 6P
The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
More results

Similar Description - FID3Z2KX

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA386B SAMSUNG-KA386B Datasheet
102Kb / 4P
the ka386b/bd/bs is a power amplifier designed for use in low voltage consumer applications
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
Local Area Network ATM Transceiver
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
The MX98905 is designed for easy implementation of CSMA/CD local area networks,
FID3Z1LX ETC1-FID3Z1LX Datasheet
248Kb / 6P
The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
Local Area Network ATM Transceiver
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
Local Area Network ATM Transceiver
logo
Honeywell Solid State E...
HFD7000-212 HONEYWELL-HFD7000-212 Datasheet
366Kb / 4P
Designed to meet industrial LAN (Local Area Network) specificatons
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Advanced Photonix, Inc.
SD019-141-411-RGB ADVANCEDPHOTONIX-SD019-141-411-RGB Datasheet
310Kb / 4P
The SD019-141-411 is a is a silicon PIN 0.18mm짼 active area photodiode assembled in a 0805 package with an integrated bandpass filter.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com