Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FID3Z2KX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FID3Z2KX
Description  The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z2KX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FID3Z2KX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z2KX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PIN Photodiode
FID3Z2KXLX
Fig. 1 Spectral Response (
η vs. λ)
Fig. 2 Spectral Response (R vs.
λ)
Fig. 3 Temperature Dependence of Responsivity
Temperature, Ta (
°C)
600
1200
800
1400
1600
1800
1000
0.1
1.0
0.5
Ta = 25°C
Ta = 25°C
Wavelength,
λ (nm)
Wavelength,
λ (nm)
60
40
100
20
0
80
1200
1400
1600
1800
1000
800
600
VR = 1V
VR = 1V
-6
-4
-2
2
4
0
40
60
80
20
0
-20
-40
λ = 1,310nm
VR = 1V
Fig. 4 Dark Current vs. Reverse Voltage
10
20
0
10-12
10-13
10-10
10-9
10-8
10-11
Reverse Voltage, VR (V)
Ta = 25°C
Ta = -40°C
Ta = 85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com