Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R510S Datasheet(PDF) 21 Page - u-blox AG

Part # SARA-R510S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510S Datasheet(HTML) 21 Page - u-blox AG

Back Button SARA-R510S Datasheet HTML 17Page - u-blox AG SARA-R510S Datasheet HTML 18Page - u-blox AG SARA-R510S Datasheet HTML 19Page - u-blox AG SARA-R510S Datasheet HTML 20Page - u-blox AG SARA-R510S Datasheet HTML 21Page - u-blox AG SARA-R510S Datasheet HTML 22Page - u-blox AG SARA-R510S Datasheet HTML 23Page - u-blox AG SARA-R510S Datasheet HTML 24Page - u-blox AG SARA-R510S Datasheet HTML 25Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Pin definition
Page 21 of 43
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
17
VUSB_DET
USB
I
USB detect input
Input for VBUS (5 V typical) USB supply sense.
USB interface supported for diagnostic purpose only.
See section 2.5.2 for functional description.
See section 4.2.11 for detailed electrical specs.
Provide test point for diagnostic purposes.
18
RESET_N
GDI
I
External reset input
Internal active pull-up.
See section 2.3.3 for functional description.
See section 4.2.7 for detailed electrical specs.
Provide test point for diagnostic purposes.
19
GPIO6
GDI
I/O
GPIO /
Time pulse output
Configurable GPIO, alternatively configurable as output
providing accurate time reference.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
20
GND
-
N/A
Ground
All the GND pins must be connected to ground.
21
GND
-
N/A
Ground
All the GND pins must be connected to ground.
22
GND
-
N/A
Ground
All the GND pins must be connected to ground.
23
GPIO2
GDI
I/O
GPIO
Configurable GPIO.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
24
GPIO3
GDI
I/O
GPIO
Configurable GPIO.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
25
GPIO4
GDI
I/O
GPIO /
External GNSS time
stamp of external
interrupt 6
Configurable GPIO, alternatively configurable as output
indicating the generation of an URC time stamp.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.
26
SDA
DDC
I/O
I2C bus data line
Fixed open drain.
Internal active pull-up.
See section 2.5.5 for functional description.
See section 4.2.10 for detailed electrical specs.
Provide test point for diagnostic purposes.
27
SCL
DDC
O
I2C bus clock line
Fixed open drain.
Internal active pull-up.
See section 2.5.5 for functional description.
See section 4.2.10 for detailed electrical specs.
Provide test point for diagnostic purposes.
28
USB_D-
USB
I/O
USB Data Line D-
90  nominal differential impedance.
Pull-up, pull-down and series resistors, as required by the
USB 2.0 specifications [9], are part of the USB pin driver
and shall not be provided externally.
USB interface supported for diagnostic purpose only.
See section 2.5.2 for functional description.
See section 4.2.11 for detailed electrical specs.
Provide test point for diagnostic purposes.
29
USB_D+
USB
I/O
USB Data Line D+
90  nominal differential impedance.
Pull-up, pull-down and series resistors, as required by
USB 2.0 specifications [9], are part of the USB pin driver
and shall not be provided externally.
USB interface supported for diagnostic purpose only.
See section 2.5.2 for functional description.
See section 4.2.11 for detailed electrical specs.
Provide test point for diagnostic purposes.
6 Not supported by SARA-R510M8S modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com