Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R510S Datasheet(PDF) 30 Page - u-blox AG

Part # SARA-R510S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510S Datasheet(HTML) 30 Page - u-blox AG

Back Button SARA-R510S Datasheet HTML 26Page - u-blox AG SARA-R510S Datasheet HTML 27Page - u-blox AG SARA-R510S Datasheet HTML 28Page - u-blox AG SARA-R510S Datasheet HTML 29Page - u-blox AG SARA-R510S Datasheet HTML 30Page - u-blox AG SARA-R510S Datasheet HTML 31Page - u-blox AG SARA-R510S Datasheet HTML 32Page - u-blox AG SARA-R510S Datasheet HTML 33Page - u-blox AG SARA-R510S Datasheet HTML 34Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 30 of 43
C1-Public
4.2.7 RESET_N pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Internal supply
1.8
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.3
0.5
V
Low-level input current
-18
-32
-56
µ
A
RESET_N low time
100
ms
Low time to trigger module reset / reboot
Table 17: RESET_N pin characteristics
4.2.8 SIM pins
The SIM pins are a dedicated interface to the external SIM card/chip. The electrical characteristics
fulfill the regulatory specification requirements. The values in Table 18 are for information only.
Parameter
Min.
Typ.
Max.
Unit
Remarks
Internal supply domain for
SIM interface
1.8
V
VSIM, with external 1.8 V SIM type
3.0
V
VSIM, with external 3.0 V SIM type
Low-level input
-0.3
0.2*VSIM
V
High-level input
0.6*VSIM
VSIM+0.3
V
Low-level output
0.0
V
High-level output
VSIM
V
Internal pull-up resistor on SIM_IO
4.7
k
Internal pull-up to VSIM supply
Table 18: SIM pin characteristics
4.2.9 Generic Digital Interfaces pins
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for GDI domain
1.8
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.3
0.5
V
High-level input
1.3
2.1
V
Low-level output
0.0
0.4
V
High-level output
1.4
1.8
V
Input leakage current
1
µ
A
0 V < VIN < 1.8 V
Output high driver strength
3.28
5.22
7.92
mA
VOUT = 1.4
Output low driver strength
3.02
5.41
8.63
mA
VOUT = 0.4
Pull-up input current
-18
-32
-56
µ
A
Pull-down input current
15
30
56
µ
A
Table 19: GDI pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com