Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R510S Datasheet(PDF) 29 Page - u-blox AG

Part # SARA-R510S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510S Datasheet(HTML) 29 Page - u-blox AG

Back Button SARA-R510S Datasheet HTML 25Page - u-blox AG SARA-R510S Datasheet HTML 26Page - u-blox AG SARA-R510S Datasheet HTML 27Page - u-blox AG SARA-R510S Datasheet HTML 28Page - u-blox AG SARA-R510S Datasheet HTML 29Page - u-blox AG SARA-R510S Datasheet HTML 30Page - u-blox AG SARA-R510S Datasheet HTML 31Page - u-blox AG SARA-R510S Datasheet HTML 32Page - u-blox AG SARA-R510S Datasheet HTML 33Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 29 of 43
C1-Public
SARA-R5 series modules LTE receiver characteristics are compliant to 3GPP TS 36.521-1 [7], with LTE
conducted receiver sensitivity performance described in Table 15.
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 12 (700 MHz)
–110.5
dBm
Without repetitions
Receiver input sensitivity
Band 28 (700 MHz)
–110.5
dBm
Without repetitions
Receiver input sensitivity
Band 13 (750 MHz)
–110.5
dBm
Without repetitions
Receiver input sensitivity
Band 20 (800 MHz)
–110.5
dBm
Without repetitions
Receiver input sensitivity
Band 26 (850 MHz)
–110.0
dBm
Without repetitions
Receiver input sensitivity
Band 18 (850 MHz)
–110.0
dBm
Without repetitions
Receiver input sensitivity
Band 5 (850 MHz)
–110.0
dBm
Without repetitions
Receiver input sensitivity
Band 19 (850 MHz)
–110.0
dBm
Without repetitions
Receiver input sensitivity
Band 8 (900 MHz)
–109.5
dBm
Without repetitions
Receiver input sensitivity
Band 4 (1700 MHz)
–109.0
dBm
Without repetitions
Receiver input sensitivity
Band 3 (1800 MHz)
–109.0
dBm
Without repetitions
Receiver input sensitivity
Band 2 (1900 MHz)
–109.0
dBm
Without repetitions
Receiver input sensitivity
Band 25 (1900 MHz)
–109.0
dBm
Without repetitions
Receiver input sensitivity
Band 1 (2100 MHz)
–109.0
dBm
Without repetitions
Condition: 50  source, throughput > 95%, QPSK modulation, other settings as per clause 7.3EA of 3GPP TS 36.521-1 [7]
Table 15: LTE Cat M1 receiver sensitivity performance
4.2.6 PWR_ON pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Low-level input
-0.3
0.3
V
Pull-up resistance
10
k
Integrated pull-up to internal rail
Low-level input current
-300
µ
A
PWR_ON low time
1
2
s
Low time to trigger module switch on from power-off mode
1
2
s
Low time to trigger module wake-up from PSM deep-sleep
1.5
2.5
s
Low time to trigger module normal graceful switch off
20
s
Low time to trigger module abrupt emergency hardware reset
Table 16: PWR_ON pin characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com