Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R510S Datasheet(PDF) 27 Page - u-blox AG

Part # SARA-R510S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510S Datasheet(HTML) 27 Page - u-blox AG

Back Button SARA-R510S Datasheet HTML 23Page - u-blox AG SARA-R510S Datasheet HTML 24Page - u-blox AG SARA-R510S Datasheet HTML 25Page - u-blox AG SARA-R510S Datasheet HTML 26Page - u-blox AG SARA-R510S Datasheet HTML 27Page - u-blox AG SARA-R510S Datasheet HTML 28Page - u-blox AG SARA-R510S Datasheet HTML 29Page - u-blox AG SARA-R510S Datasheet HTML 30Page - u-blox AG SARA-R510S Datasheet HTML 31Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 27 of 43
C1-Public
Mode / Condition
Min Typ12 Max Unit
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in PSM, UBX-M8 in cyclic tracking mode with 1 s update period (GPS)
15
mA
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in PSM, UBX-M8 in cyclic tracking mode with 1 s update period (GPS & GLONASS)
16
mA
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in PSM, UBX-M8 in continuous tracking mode (GPS & GLONASS)
43
mA
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in DRX = 1.28 s, UBX-M8 in cyclic tracking mode with 1 s update period (GPS)
16
mA
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in DRX = 1.28 s, UBX-M8 in cyclic tracking mode with 1 s update period (GPS & GLONASS)
17
mA
Average current value with power saving enabled (+UPSV=1),
UBX-R5 in DRX = 1.28 s, UBX-M8 in continuous tracking mode (GPS & GLONASS)
44
mA
Average current value with power saving disabled (+UPSV=0),
UBX-R5 in DRX = 1.28 s, UBX-M8 in continuous tracking mode (GPS & GLONASS)
67
mA
Average current value with power saving disabled (+UPSV=0),
UBX-R5 in DRX = 1.28 s, UBX-M8 in acquisition mode (GPS & GLONASS)
72
mA
Peak current value with power saving disabled (+UPSV=0),
UBX-R5 in DRX = 1.28 s, UBX-M8 in acquisition mode (GPS & GLONASS)
100
mA
Table 12: Indicative VCC current consumption of the SARA-R510M8S module with GNSS on
4.2.4 GNSS characteristics
Parameter
Condition
Value
Receiver type
72-channel u-blox M8 engine
GPS L1C/A, SBAS L1C/A, QZSS L1C/A, QZSS L1-SAIF,
GLONASS L1OF, BeiDou B1I, Galileo E1B/C
Operational limits13
Dynamics
4 g
Altitude
50’000 m
Velocity
500 m/s
Velocity accuracy14
0.05 m/s
Heading accuracy14
0.3 degrees
GNSS
GPS & GLONASS GPS
GLONASS BeiDou
Galileo
Horizontal position accuracy15
2.5 m
2.5 m
4 m
3 m
3 m
Max navigation update rate
10 Hz
18 Hz
18 Hz
18 Hz
18 Hz
Time-To-First-Fix16
Cold start
26 s
29 s
30 s
34 s
45 s
Aided starts17
2 s
2 s
2 s
3 s
7 s
Sensitivity
Tracking & Navigation -167 dBm
-166 dBm
-166 dBm
-160 dBm
-159 dBm
Reacquisition
-160 dBm
-160 dBm
-156 dBm
-157 dBm
-153 dBm
Cold start
-148 dBm
-148 dBm
-145 dBm
-143 dBm
-138 dBm
Table 13: GNSS characteristics and performance of the SARA-R510M8S module
12 Typical values with matched antenna, VCC = 3.8 V
13 Assuming Airborne < 4 g platform
14 50% @ 30 m/s
15 CEP, 50%, 24 hours static, -130 dBm, > 6 SVs
16 All satellites at -130 dBm, except Galileo at -127 dBm
17 Dependent on aiding data connection speed and latency18 Not supported in LTE category M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com