Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R510S Datasheet(PDF) 4 Page - u-blox AG

Part # EVK-R510S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510S Datasheet(HTML) 4 Page - u-blox AG

  EVK-R510S Datasheet HTML 1Page - u-blox AG EVK-R510S Datasheet HTML 2Page - u-blox AG EVK-R510S Datasheet HTML 3Page - u-blox AG EVK-R510S Datasheet HTML 4Page - u-blox AG EVK-R510S Datasheet HTML 5Page - u-blox AG EVK-R510S Datasheet HTML 6Page - u-blox AG EVK-R510S Datasheet HTML 7Page - u-blox AG EVK-R510S Datasheet HTML 8Page - u-blox AG EVK-R510S Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 4 of 23
C1-Public
1
Starting up
1.1
Overview
The EVK-R5 kit is a powerful and easy-to-use tool that simplifies the evaluation of the u-blox SARA-R5
series LTE-M / NB-IoT cellular modules.
The following evaluation kits are available with u-blox SARA-R5 cellular modules:
EVK-R500S evaluation kit is for evaluation of SARA-R500S modules
EVK-R510S evaluation kit is for evaluation of SARA-R510S modules
EVK-R510M8S evaluation kit is for evaluation of SARA-R510M8S modules
All the evaluation kits are identified herein as the EVK-R5.
SIM card holder
J300
Cellular reset
SW303
Cellular power-on
SW302
GND
9 – 18 V
Power input
J400
Cellular
adapter board
DL400
Main power switch
SW400
DL401
SARA-R5
cellular module
DIL B2B connector
J300
DIL B2B connector
J301
GND
GNSS antenna
connector
(RF_IN)
J208
GNSS module
GNSS
adapter board
Cellular VCC
supply jumper
J404
Cellular USB
(Single UART)
J501
Cellular RS232
(Single UART)
J500
DL501
DL403
DL405
GNSS USB
J102
SW403
SW401
DL404
SW300
SW304
SW204
DS132
DS118
DS124
DS121
DS107
DS105
DS109
DS103
DS501
DS500
GND
GND
BT200
Cellular native USB
J105
DS100
DS201
DS202
Cellular antenna
connector (ANT)
J106
GNSS antenna
connector (GNSS)
J112
Cellular USB
(Two UARTs)
J201
Cellular VCC
supply jumper
J109
Figure 1: Overview of EVK-R5 evaluation kit for SARA-R5 modules
☞ See the SARA-R5 series data sheet [2] and the SARA-R5 series system integration manual [3] for
the features supported by SARA-R5 series modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com