Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R510S Datasheet(PDF) 11 Page - u-blox AG

Part # EVK-R510S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510S Datasheet(HTML) 11 Page - u-blox AG

Back Button EVK-R510S Datasheet HTML 7Page - u-blox AG EVK-R510S Datasheet HTML 8Page - u-blox AG EVK-R510S Datasheet HTML 9Page - u-blox AG EVK-R510S Datasheet HTML 10Page - u-blox AG EVK-R510S Datasheet HTML 11Page - u-blox AG EVK-R510S Datasheet HTML 12Page - u-blox AG EVK-R510S Datasheet HTML 13Page - u-blox AG EVK-R510S Datasheet HTML 14Page - u-blox AG EVK-R510S Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 11 of 23
C1-Public
1.7 Board setup
1.
Insert a SIM card into the SIM card holder (J300 on the EVB-WL3).
2.
Connect the cellular antenna provided with the evaluation kit box to the Cellular antenna SMA
connector on the ADP-R5 (ANT connector for transmission and reception of LTE RF signals)
3.
If the GNSS functionality is required:
3.1. For the EVK-R500S and EVK-R510S, connect the GNSS antenna provided with the
evaluation kit box to the GNSS antenna SMA connector on the ADP-GNSS (J208); keep
cellular GNSS detach switch (SW304) on “GNSS” position.
3.2. For the EVK-R510M8S, connect the GNSS antenna provided with the evaluation kit box to
the GNSS antenna SMA connector on the ADP-R510M8S (J112); keep cellular GNSS detach
switch (SW304) on “detach” position.
Place the GNSS antenna in a location with a good view of the sky.
4.
Connect the AC / DC +12 V power adapter provided with the evaluation kit box to the 9 – 18 V
power input connector (J400 on the EVB-WL3). The LED DL401 lights blue.
5.
Be sure to provide a jumper socket on both the Cellular VCC supply jumpers (J404 on the
EVB-WL3, and J109 on the ADP-R5). These jumpers provide the connection from the 3.8 V output
of the supply circuit on the EVB-WL3 to the VCC input of the module.
6.
To enable the board power supply, turn the Main power switch (SW400 on the EVB-WL3) to the
ON position. The LED DL400 lights green.
6.1.
For the EVK-R510S, press the Cellular power-on button (SW302 on the EVB-WL3) to
switch on the SARA-R510S cellular module.
6.2. For the EVK-R500S, the SARA-R500S cellular module switches on. For the EVK-R510M8S,
the SARA-R510M8S cellular module switches on.
7.
For communication via the cellular module’s UART interface, the following connections are
allowed and can be alternatively enabled in a mutually exclusive way (see Table 6 for the switch
position and LED status):
7.1.
Connect a USB cable to the mini USB connector on EVB-WL3 (Cellular USB, J501). The LED
DL501 lights blue. When a USB cable is connected to this mini USB connector, two COM
ports are enabled in Windows: the single UART interface of the cellular module (with default
USIO variant 0, or USIO variant 1) is available over the first COM port opened by the driver.
7.2. Connect an RS232 cable to the DB9 connector on EVB-WL3 (Cellular RS232, J500).
7.3. Connect a USB cable to the mini USB connector on ADP-R5 (Cellular USB, J201). The LED
DS201 lights blue. When a USB cable is connected to this mini USB connector, two COM
ports are enabled in Windows: the two UART interfaces of the cellular module (with UART
variant 2, 3, or 4) are respectively available over the two numbered COM ports opened by
the driver.
Type of connections
USIO variant
SW401
SW403
LED
Access to cellular single UART interface (USIO variant 0 or 1)
over the Cellular USB mini USB connector on EVB-WL3 (J501)
0 (default) / 1
ON BOARD
MINIUSB
DL403
Access to cellular single UART interface (USIO variant 0 or 1)
over the Cellular RS232 DB9 connector on EVB-WL3 (J500)
0 (default) / 1
ON BOARD
DB9
DL405
Access to cellular two UART interfaces (USIO variant 2, 3 or 4)
over the Cellular USB mini USB connector on ADP-R5 (J201)
2 / 3 / 4
B2B
Do not care DL404,
DS202
Table 6: Serial interface configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com