Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R510S Datasheet(PDF) 12 Page - u-blox AG

Part # EVK-R510S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510S Datasheet(HTML) 12 Page - u-blox AG

Back Button EVK-R510S Datasheet HTML 8Page - u-blox AG EVK-R510S Datasheet HTML 9Page - u-blox AG EVK-R510S Datasheet HTML 10Page - u-blox AG EVK-R510S Datasheet HTML 11Page - u-blox AG EVK-R510S Datasheet HTML 12Page - u-blox AG EVK-R510S Datasheet HTML 13Page - u-blox AG EVK-R510S Datasheet HTML 14Page - u-blox AG EVK-R510S Datasheet HTML 15Page - u-blox AG EVK-R510S Datasheet HTML 16Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 12 of 23
C1-Public
☞ See the SARA-R5 series data sheet [2] and the +USIO AT command description in the SARA-R5
series AT commands manual [1] for the description and the USIO variant 0/1/2/3/4 configuration.
☞ After changing +USIO variant from 0/1 to 2/3/4 (or vice versa), the module needs to be switched
off; then, after changing SW401 according to Table 6, the module can be switched on again.
Run an AT terminal application (e.g. the u-blox m-center tool) selecting an AT port, with these
settings:
o
Data rate: 115,200 bit/s
o
Data bits: 8
o
Parity: N
o
Stop bits: 1
o
Flow control: HW
See Appendix A for how to configure the u-blox m-center AT terminal for Windows.
8.
To switch off the EVK-R5, send the +CPWROFF AT command. Make sure to use this command
before switching off the main power, otherwise settings and configuration parameters may not
be saved in the internal non-volatile memory of the cellular module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com