Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R510S Datasheet(PDF) 7 Page - u-blox AG

Part # EVK-R510S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510S Datasheet(HTML) 7 Page - u-blox AG

Back Button EVK-R510S Datasheet HTML 3Page - u-blox AG EVK-R510S Datasheet HTML 4Page - u-blox AG EVK-R510S Datasheet HTML 5Page - u-blox AG EVK-R510S Datasheet HTML 6Page - u-blox AG EVK-R510S Datasheet HTML 7Page - u-blox AG EVK-R510S Datasheet HTML 8Page - u-blox AG EVK-R510S Datasheet HTML 9Page - u-blox AG EVK-R510S Datasheet HTML 10Page - u-blox AG EVK-R510S Datasheet HTML 11Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 7 of 23
C1-Public
1.4 LEDs
Function
Description
LED #
Board
Color
Main power
Power supply plugged in the 9 - 18 V Power Input
DL401 EVB-WL3
Cellular VCC
Cellular module supplied. Main power switch must be switched on
DL400 EVB-WL3
Cellular USB
(single UART)
USB cable plugged in the Cellular USB connector (J501) for access to
the cellular single UART interface (with default USIO variant 0, or USIO
variant 1)
DL501 EVB-WL3
Cellular USB
(single UART)
Green light is activated when the SW401 is on “on-board” position, and
the cellular single UART interface (with default USIO variant 0, or USIO
variant 1) is routed to the Cellular USB connector (J501).
Red light blinks at TX or RX data on the Cellular USB connector.
DL403 EVB-WL3
Cellular single UART
attach/detach
Green light is activated when the signals of the cellular single UART
interface (with default USIO variant 0, or variant 1) are available on the
USB / RS232 connectors (J500 / J501) on the EVB-WL3
DL404 EVB-WL3
Cellular RS232
(single UART)
Green light is activated when the cellular single UART interface (with
default USIO variant 0, or USIO variant 1) is routed to the
Cellular RS232 connector (J500).
Red light blinks at TX or RX data on the Cellular RS232 connector.
DL405 EVB-WL3
Cellular RI indicator
RI line turns ON (active low)
DS501 EVB-WL3
Cellular CTS indicator
CTS line turns ON (active low)
DS500 EVB-WL3
Cellular GPIO1 indicator Green light is activated when cellular GPIO1 is high
DS107 EVB-WL3
Cellular GPIO2 indicator Green light is activated when cellular GPIO2 is high
DS105 EVB-WL3
Cellular GPIO3 indicator Green light is activated when cellular GPIO3 is high
DS109 EVB-WL3
Cellular GPIO4 indicator Green light is activated when cellular GPIO4 is high
DS103 EVB-WL3
Cellular native USB
USB cable plugged in the Cellular native USB connector on the
ADP-R5, for access to the cellular USB interface
DS100 ADP-R5
Cellular USB
(two UARTs)
USB cable plugged in the Cellular USB connector (J201) on the
ADP-R5, for access to the two UART interfaces (USIO variant 2, 3 or 4)
DS201 ADP-R5
Cellular two UARTs
attach/detach
Green light is activated when the SW401 is on the “B2B” position at
module’s boot, and the two UART interfaces (with USIO variant 2, 3 or
4) are routed to the Cellular USB connector (J201) on the ADP-R5
DS202 ADP-R5
GNSS VCC supply
GNSS module supply is turned on
DS118
ADP-GNSS
GNSS USB
USB cable plugged into the GNSS USB connector
DS124 ADP-GNSS
GNSS timepulse
Pulses at 1 Hz when valid GNSS fix
DS121
ADP-GNSS
Cellular / GNSS I2C
Cellular / GNSS module communication over the I2C interface
DS132 ADP-GNSS
Table 2: EVK-R5 LED descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com