Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STSPIN32F0ATR
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 24Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 25Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 26Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 27Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 28Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 29Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 30Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 31Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Device description
STSPIN32F0A
28/41
DocID030766 Rev 2.0
The VDDA voltage level must be always greater or equal to the VDD voltage
level and must be established first.
The MCU has integrated power-on reset (POR) and power-down reset (PDR) circuits. They
are always active, and ensure proper operation above a threshold of 2 V. The device
remains in the reset mode when the monitored supply voltage is below a specified
threshold.
•
The POR monitors only the VDD supply voltage. During the startup phase it is required
that VDDA should arrive first and be greater than or equal to VDD.
•
The PDR monitors both the VDD and VDDA supply voltages, however the VDDA power
supply supervisor can be disabled (by programming a dedicated option bit) to reduce
the power consumption if the application design ensures that VDDA is higher than or
equal to VDD.
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD power supply and compares it to the VPVD threshold. An interrupt can be generated
when VDD drops below the VPVD threshold and/or when VDD is higher than the VPVD
threshold. The interrupt service routine can then generate a warning message and/or put
the MCU into a safe state. The PVD is enabled by software.
The MCU supports three low-power modes to achieve the best compromise between low-
power consumption, short start-up time and available wake-up sources:
•
Sleep mode
•
In the sleep mode, only the CPU is stopped. All peripherals continue to operate and
can wake-up the CPU when an interrupt/event occurs.
•
Stop mode
•
The stop mode achieves very low-power consumption while retaining the content of
the SRAM and registers. All clocks in the 1.8 V domain are stopped, the PLL, the HSI
RC and the HSE crystal oscillators are disabled. The voltage regulator can also be put
either in the normal or in the low-power mode.
•
The device can be woken-up from the stop mode by any of the EXTI lines (one of the
16 external lines, the PVD output, RTC, I2C1 or USART1).
•
Standby mode
•
The standby mode is used to achieve the lowest power consumption. The internal
voltage regulator is switched off so that the entire 1.8 V domain is powered off. The
PLL, the HSI RC and the HSE crystal oscillators are also switched off. After entering
the standby mode, SRAM and register contents are lost except for registers in the
RTC domain and standby circuitry.
•
The device exits the standby mode when an external reset (NRST pin), an IWDG
reset,
•
a rising edge on the WKUP pins, or an RTC event occurs.
6.6.3
High-speed external clock source
The high-speed external (HSE) clock can be generated from the external clock signal or
supplied with a 4 to 32 MHz crystal/ceramic resonator oscillator (see Figure 13: "Typical
application with 8 MHz crystal").
The external clock signal has to respect the I/O characteristics and follows the
recommended clock input waveform (refer to Figure 12: "HSE clock source timing
diagram").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com