Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0ATR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STSPIN32F0ATR
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 26Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 27Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 28Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 29Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 30Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 31Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 32Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 33Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Device description
STSPIN32F0A
30/41
DocID030766 Rev 2.0
6.7
Test mode
A dedicated pin TESTMODE is available to enter into the test mode.
In the application, the TESTMODE pin should be shorted to GND in order
not to enter the test mode inadvertently.
6.8
Operational amplifiers
The device integrates three rail-to-rail operational amplifiers suitable for signal conditioning,
in particular for current sensing.
The operational amplifiers provide a rail-to-rail output stage with fast recovery in the
saturation condition. The output stage saturation happens in linear applications when a
high amplitude input signal occurs and causes the output of the operational amplifier to
move outside its real capabilities.
Figure 14: Operational amplifiers
6.9
Comparator
A comparator is available to perform an overcurrent protection. The OC Comp pin can be
connected to the shunt resistor to monitor the load current, the internal OC threshold can
be set via MCU (PF6 and PF7 port, see Table 12: "OC threshold values").
When an OC event is triggered, the OC comparator output signals the OC event to the
PB12 and PA12 inputs of MCU (BKIN and ETR).
OP xP
OPxO
OP xN
OPAMP
To input
ADC
I NN
I NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com