Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0ATR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STSPIN32F0ATR
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 25Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 26Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 27Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 28Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 29Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 30Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 31Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 32Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
29/41
Figure 12: HSE clock source timing diagram
Figure 13: Typical application with 8 MHz crystal
In the application, the resonator and the load capacitors have to be placed as close as
possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. The REXT value depends on the crystal characteristics (refer to the crystal resonator
manufacturer for more details on them).
6.6.4
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six
channels. It has complementary PWM outputs with programmable inserted deadtimes.
This timer is used to generate the PWM signal for the three half-bridge gate drivers as
shown in Table 10: "TIM1 channel configuration".
Table 10: TIM1 channel configuration
MCU I/O
Analog IC input
TIM1 channel
PB13
LS1
TIM1_CH1N
PB14
LS2
TIM1_CH2N
PB15
LS3
TIM1_CH3N
PA8
HS1
TIM1_CH1
PA9
HS2
TIM1_CH2
PA10
HS3
TIM1_CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com