Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0ATR Datasheet(PDF) 34 Page - STMicroelectronics

Part # STSPIN32F0ATR
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 30Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 31Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 32Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 33Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 34Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 35Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 36Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 37Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Application example
STSPIN32F0A
34/41
DocID030766 Rev 2.0
7
Application example
Figure 18: "Application example" shows an application example using the STSPIN32F0A
device to drive a three-phase motor with triple shunt configuration and field oriented control
algorithm. The others features implemented are:
•
VDD (3.3 V) power supply internally generated via DC/DC regulator
•
VREG12 (12 V) power supply internally generated via LDO linear regulator
•
USART serial interface (PB6 and PB7)
•
Serial wire debug ports (PA13_SWD_IO, PA14_SWD_CLK)
•
Ready and alarm lines (PF0, PF1)
•
Reset dedicated pin
•
Overcurrent protection using internal comparator
•
Current sensing using internal operational amplifiers and ADCs (PA0, PA1, PA2)
•
Bus voltage compensation using internal ADC (PA3)
•
Application temperature monitoring using internal ADC (PA4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com