Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3X2105AFS Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFS
Description  Low Frequency EMI Reduction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFS Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3X2105AFS Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Features
FCC approved method of EMI attenuation.
Generates a 1X or ½ X low EMI spread spectrum
clock of the input frequency.
Input frequency range: 6MHz to 10 MHz.
Internal loop filter minimizes external components
and board space.
Frequency deviation: Maximum ± 1%.
SSON# control pin for spread spectrum enable
and disable options.
Low cycle-to-cycle jitter.
5.0V ± 5% operating voltage range.
TTL or CMOS compatible outputs.
Ultra-low power CMOS design.
Available in 8-pin SOIC and TSSOP.
Product Description
The ASM3X2105A is a versatile spread spectrum
frequency modulator designed specifically for input clock
frequencies from 6MHz to 12MHz. The ASM3X2105A
can generate an EMI reduced clock from crystal, ceramic
resonator, or system clock. The ASM3X2105A offers
frequency deviation of ± 1%.
The ASM3X2105A reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3X2105A allows significant system cost
savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components
that are traditionally required to pass EMI regulations.
The ASM3X2105A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3X2105A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3X2105A is targeted towards EMI management
for high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VSS
XIN
XOUT
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
MODOUT
PLL
VDD
SSON#
DIV2
SR0


Similar Part No. - ASM3X2105AFS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASM3-SA92-AJL0H ABRACON-ASM3-SA92-AJL0H Datasheet
723Kb / 12P
3W 3535 Surface-Mount LED
December 18, 2023
ASM3-SAC2-AJL0H ABRACON-ASM3-SAC2-AJL0H Datasheet
723Kb / 12P
3W 3535 Surface-Mount LED
December 18, 2023
ASM3-SH92-ALN0H ABRACON-ASM3-SH92-ALN0H Datasheet
723Kb / 12P
3W 3535 Surface-Mount LED
December 18, 2023
ASM3-SHC2-ALN0H ABRACON-ASM3-SHC2-ALN0H Datasheet
723Kb / 12P
3W 3535 Surface-Mount LED
December 18, 2023
ASM3-SR92-ALN0H ABRACON-ASM3-SR92-ALN0H Datasheet
723Kb / 12P
3W 3535 Surface-Mount LED
December 18, 2023
More results

Similar Description - ASM3X2105AFS

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
Low Frequency EMI Reduction
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2560B ALSC-P2560B Datasheet
187Kb / 7P
Low Frequency EMI Reduction
logo
PulseCore Semiconductor
ASM3P2531A PULSECORE-ASM3P2531A Datasheet
347Kb / 8P
Low Frequency EMI Reduction
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com