Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3X2105AFS Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFS
Description  Low Frequency EMI Reduction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFS Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3X2105AFS Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Low Frequency EMI Reduction
3 of 10
Notice: The information in this document is subject to change without notice.
1
2
3
4
CLKIN
XOUT
DIV2
VSS
MODOUT
5
6
7
8
SR0
SSON#
VDD
ASM3X2105A
Spread Spectrum
Spreading the spectrum of the signal reduces the system EMI. The optimal setting should minimize system EMI
to the fullest without affecting system performance. The spreading is described as a percentage deviation of the
center frequency (Note: The center frequency is the frequency of the external reference input on CLKIN, Pin1).
Example:
The ASM3X2105A is designed for communications, digital video and imaging applications. It is not only
optimized for operation in the 6MHz – 12MHz range, but its output frequency can be extended down to one half
of the input clock frequency using the divide-by-two feature. This feature extends low frequency operation to as
low as 3MHz. Setting pin 3 low (DIV2=0; divide-by-two mode) sets the output frequency (MODOUT) to half the
frequency of the input clock (CLKIN). This is a simple way to generate a spread spectrum modulated low
frequency clock when only a higher frequency signal is available. If you want the output frequency to be the
same as the input, you can either set DIV2=1 or leave it unconnected.
8.832MHz Crystal
Modulated 4.416MHz
is connected to CLK
input pin of the system
+5V
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com