Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3X2105AFS Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFS
Description  Low Frequency EMI Reduction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFS Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM3X2105AFS Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Low Frequency EMI Reduction
6 of 10
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
6
-
10
MHz
MODOUT
Output frequency
6
-
10
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
-
440
-
ps
tHL*
Output fall time (measured at 2.0V to 0.8V)
-
300
-
ps
tJC
Jitter (cycle to cycle)
-
-
360
ps
tD
Output duty cycle
45
50
55
%
* VDD = +5V, Input Frequency = 8MHz, tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com