Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3X2105AFS Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFS
Description  Low Frequency EMI Reduction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFS Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM3X2105AFS Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFS Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Low Frequency EMI Reduction
5 of 10
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current (pull-up resistors on inputs SR0 and
DIV2)
44
µA
IIH
Input high current (pull-down resistor on input SSON#)
66
µA
IXOL
XOUT output low current (@ 4.0V, VDD = 5V)
3
mA
IXOH
XOUT output high current (@2.5V, VDD = 5V)
3
mA
VOL
Output low voltage (VDD = 5V, IOL = 20mA)
0.4
V
VOH
Output high voltage (VDD = 5V, IOH = 20mA)
2.5
V
ICC
Dynamic supply current normal mode (5V, 8MHz and
15pF loading)
40
mA
IDD
Static supply current standby mode
40
µA
VDD
Operating voltage
4.75
5.0
5.25
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock out impedance
-
50
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com