Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPC Datasheet(PDF) 3 Page - Luminus, Inc

Part # SFT-20-B-R35-EPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPC Datasheet(HTML) 3 Page - Luminus, Inc

  SFT-20-B-R35-EPC Datasheet HTML 1Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 2Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Ordering Part
Number
Color
Min Flux
Bin
Description
Configuration
SFT-20-RA-F35-MPA
Red
Amber
1A
Red-Amber LED consisting of a 2.0 mm2 die mounted on a small 3.5 x
3.5mm high-performance package with directional indicator.
SFT-20-CG-F35-MPB Converted
Green
2B
Converted Green consisting of a 2.0 mm2 die die mounted on a small
3.5 x 3.5mm high-performance package. Includes directional indica-
tor.
SFT-20-CG-F35-MPC
2C
SFT-20-B-F35-EPB
Blue
4B
Blue LED consisting of a 2.0 mm2 die mounted on a small 3.5 x
3.5mm high-performance package with directional indicator.
SFT-20-B-F35-EPC
4C
Ordering Part
Number
Color
Min Flux
Bin
Description
Configuration
SFT-20-RA-R35-MPA
Red
Amber
1A
Red-Amber LED consisting of a 2.0 mm2 die in a small 3.5 x 3.5mm
package mounted on a thermally efficient and pedestal, common
cathode designed starboard.
SFT-20-CG-R35-MPB Converted
Green
2B
Converted Green LED consisting of a 2.0 mm2 die with Green Phos-
phor Platelet in a small 3.5 x 3.5mm package mounted on a thermal-
ly efficient and pedestal, common cathode designed starboard.
SFT-20-CG-R35-MPC
2C
SFT-20-B-R35-EPB
Blue
4B
Blue LED consisting of a 2.0 mm2 die in a small 3.5 x 3.5mm package
mounted on a thermally efficient and pedestal, common cathode
designed starboard.
SFT-20-B-R35-EPC
4C
Note 1: Ordering part numbers represent bin kits (group of bins that are shippable for a given ordering part number)
Note 2: Bin Kits are defined by a group of flux or power bins. Only one flux / power bin will be shipped in each individual pack or reel.
Each shipment will contain reels of different allowed bins for a specific orderable part number (See page 5).
Indivdiual Flux or Power bins are not orderable.
Note 3: Starboard Configuration are available for sample quantity only. For additional quantity, contact Luminus representitive.
Ordering Information (SMT Configuration)1,2
3
PDS-002824 Rev 05 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086 USA
SFT-20 Product Datsheet
Ordering Part Number Nomenclature
Note 1:
A Bin Kit represents a group of individual flux or power bins that are shippable for a given ordering part number. Individual flux bins are not orderable.
EXAMPLES: SFT-20-CG-F35-MPC is comprised of Converted Green Flux Bins 2C through 2F.
Not all bins are populated by Luminus.
Product Family
Chip Area
Color
Package Configuration
Bin Kit1
SFT:
Surfacemount
Flat-Top
Windowless
20: 2.0 mm2
RA = Red - Amber
CG= Converted Green
B= Blue
F35: 3.5mm x 3.5mm
See Mechanical Drawing section
R35: SFT-20 mounted on Starboard
Starboard only in sample quantity
See page 5 for bin kit
definition
SFT
nn
XXXX
XXX
XYZ
Ordering Information (Starboard Configuration)1,2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com