Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPC Datasheet(PDF) 2 Page - Luminus, Inc

Part # SFT-20-B-R35-EPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPC Datasheet(HTML) 2 Page - Luminus, Inc

  SFT-20-B-R35-EPC Datasheet HTML 1Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 2Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086
SFT-20 Product Datsheet
Understanding SMT Test Specifications
Every Luminus LED is tested to ensure that it meets the high quality standards expected from Luminus’products.
Technology Overview
Luminus Devices’ SFT series of illuminators is an innovative light source created for applications requiring high current density in a small
area. With its thermally efficient package, the SFT-20 chipset allows the end-product to deliver all the benefits of small, high performing
solid state light sources.
In Projection Display applications, The SFT series is environmentally friendly (Mercury-free), enables instant start and re-start with no
wait time, high reliability, and long life requiring no end-user or field replacement. Response time is extremely fast to enable frame-by-
frame color control in compatible systems.
Testing of SMT LEDs
The Luminus SFT series of products are measured in such a way
that allows high volume / fast paced production while providing
an accurate measurement that correlates with real world
operating conditions.
Luminus makes available corelation curves (page 8) that allows
the designer to predict with a high-level of accuracy the
performance that is to be expeted in a typical“Display”
application.
Innovative PackagingTechnology
Thermal management is critical in high power LED applications.
With its low thermal resistance the SFT-20 can be driven at
higher current densities while maintaining a low junction
temperature. This results in brighter solutions and longer
lifetimes.
Reliability
The SFT-20 has passed a rigorous suite of environmental and
mechanical stress tests, including mechanical shock, vibration,
temperature cycling and humidity. It is fully qualified for use in
high power / small form factor / high current dispaly
applications.
With very low failure rates and median lifetimes that typically
exceed 60,000 hours, Luminus SFT-Series of LEDs are ready for
even the most demanding applications. (Please refer to
Luminus’ Reliability application note for more information.)
Environmental Benefits
Luminus LEDs help reduce power consumption and the
amount of hazardous waste entering the environment. All LED
products manufactured by Luminus are RoHS and REACH
compliant and contain no lead or mercury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com