Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPC Datasheet(PDF) 5 Page - Luminus, Inc

Part # SFT-20-B-R35-EPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPC Datasheet(HTML) 5 Page - Luminus, Inc

  SFT-20-B-R35-EPC Datasheet HTML 1Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 2Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086 USA
SFT-20 Product Datsheet
Red -Amber Flux Bins
Bin 1Z
Bin 1A
Bin 1B
Bin 1C
Bin 1D
Bin 1E
Bin 1F
Bin 1G
Bin 1H
Red -Amber
Bin Flux Range (lm)
160 - 180
180 - 200
200 - 220
220 - 240
240 - 260
260 - 285
285 - 310
310 - 340
340 - 370
SFT-20-RA-F35-MPA
þ
þ
þ
þ
þ
Conv Green Flux Bins
Bin 2A
Bin 2B
Bin 2C
Bin 2D
Bin 2E
Bin 2F
Bin 2G
Bin 2H
Conv Green Bin Flux Range
(lm)
400 - 430
430 - 480
480 - 520
520 - 570
570 - 610
610 - 650
650 - 700
700 - 760
SFT-20-CG-F35-MPB
þ
þ
þ
þ
SFT-20-CG-F35-MPC
þ
þ
þ
þ
Blue Power Bins
Bin 4A
Bin 4B
Bin 4C
Bin 4D
Bin 4E
Bin 4F
Bin 4G
Bin 4H
Blue Optical Power Range
(Radiometric Watts)
1.30 -
1.40
1.40 -
1.55
1.55 -
1.70
1.70 -
1.90
1.90 -
2.10
2.10 -
2.30
2.30 -
2.50
2.50 -
2.75
SFT-20-B-F35-EPB
þ
þ
þ
þ
SFT-20-B-F35-EPC
þ
þ
þ
þ
Wavelength Dominent Bin2 Definitions
Color
Bin
Minimum WLD (nm)
Maximum WLD (nm)
Red-Amber
R1
609
615
Red-Amber
R2
615
621
Blue
B1
449
455
Blue
B2
455
460
Note 1:
Bin Kits are defined by a group of flux or power bins. Only one flux / power bin will be shipped in each individual pack or reel.
Each shipment will contain packs (or reels) of different allowed bins for a specific orderable part number.
Individual Flux or Power bins are not ordereable.
Note 2:
Wavelength bins are not orderable.
Wavelength bins are displayed in product label.
Note 3:
SFT-20 LEDs are tested according to the process outlined on page 6.
Devices are sorted and packaged in reels by flux bin.
Not all flux bins are are currrently populated.
Note 4:
Luminus maintains a test measurement accuracy for LED flux and power of +/- 6%.
SFT-20 Bin Kit1and Flux Bin3,4 Definitions
Note: The below table outlines what bins are allowed to be shipped under a particular orderable part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com