Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-20-B-R35-EPC Datasheet(PDF) 1 Page - Luminus, Inc

Part # SFT-20-B-R35-EPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-20-B-R35-EPC Datasheet(HTML) 1 Page - Luminus, Inc

  SFT-20-B-R35-EPC Datasheet HTML 1Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 2Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 3Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 4Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 5Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 6Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 7Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 8Page - Luminus, Inc SFT-20-B-R35-EPC Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
PDS-002824 Rev 05© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Ct. • Sunnyvale, CA 94086
Table of Contents
Technology Overview . . . . . .2
Understanding SMT Test
Specifications . . . . . . . . . . . . . .2
Ordering / Bin Kits . . . . . . . .3-5
Standard Test Condition . . . .6
Optical & Electrical
Characteristics . . . . . . . . . . . . .7
Absolute Maximums . . . . . . .8
Parametric Graphs . . . . . 9-12
Thermal Resistance . . . . . . 13
Mechanical Dimensions13-15
Solder Profile . . . . . . . . . . . . 16
Packing and Shipping
Specifications . . . . . . . . 17-18
History of Changes . . . . . . . 19
Features:
• Matched R/CG/B chipset with 2.0mm2 emitting area designed for high current
density 0.2 / 0.3”Pico projection applications
• Thermally efficient Surface Mount (SMT) Package: Rth
J-B = 1 .0
o
C/W
• Available either in“Standard”(SMT) or Pre-Mounted“Starboard”Configurations.
• Available“Starboard”Packaging Configuration allows ease of evaluation and/or
immediate system integration.
• 100% surface emission for high collection efficiency and low optical losses
• Wide color gamut with the most optimal dominant wavelengths:
Red-Amber 613nm, Converted Green (filtered spectrum) 555nm, and Blue 455nm
• Single emitting area per color allows for efficiency of collection with simplified
optics
• Environmentally friendly: RoHS and REACH compliant
• Characterized correlation available for Projection applications.
Applications
• Specifically engineered for stand alone, embedded, or battery-assisted projection
display applications.
• Entertainment / Stage Lighting
• Medical / Life Science
• Industrial
• Emergency Lighting / Beacons / Obstruction Lighting.
• High Brightness General Lighting
SFT-20
LED Chipset in SMT and
Starboard Configurations
SFT-20 Product Datasheet


Similar Part No. - SFT-20-B-R35-EPC

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SFT-20-B-F35-EPB LUMINUS-SFT-20-B-F35-EPB Datasheet
1Mb / 16P
Projection LED
Rev 01
SFT-20-B-F35-EPC LUMINUS-SFT-20-B-F35-EPC Datasheet
1Mb / 16P
Projection LED
Rev 01
More results

Similar Description - SFT-20-B-R35-EPC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
L2-MLC1-F ETC2-L2-MLC1-F Datasheet
1Mb / 2P
L2 Starboard Light Engines
L2-PGC1-F ETC2-L2-PGC1-F Datasheet
1Mb / 2P
L2 Starboard Light Engines
L2-TGN1-F ETC2-L2-TGN1-F Datasheet
1Mb / 2P
L2 Starboard Light Engines
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389T-BLKG AVAGO-HSMP-389T-BLKG Datasheet
332Kb / 13P
Unique Configurations in Surface Mount Packages
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
Thermally Enhanced LED Chipset
PT-39-L51-TE LUMINUS-PT-39-L51-TE Datasheet
1Mb / 11P
Deep Red and Green LED Chipset
SFT-10 LUMINUS-SFT-10 Datasheet
7Mb / 19P
LED Chipset in SMT and Starboard Configurations
logo
Bel Fuse Inc.
SS-74810-004 BEL-SS-74810-004 Datasheet
339Kb / 1P
RJ45 Press-Fit Connectors Multiple LED and port configurations
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
Savable Plots and Register Configurations
Rev 1; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com