Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B90 Datasheet(PDF) 10 Page - Luminus, Inc

Part # SST-10-R-B90
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B90 Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SST-10-R-B90 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 9Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 10Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 11Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 12Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
Soldering Profile
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3 °C/second max
3 °C/second max
Liquidous temperature (TL)
Time at liquidous (tL)
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak package body temperature (Tp)*
230 °C ~235 °C
255 °C ~260 °C
Classification temperature (Tc)
235 °C
260 °C
Time (tp) within 5 °C of the specified
classification temperature (Tc)**
20 seconds
30 seconds
Average ramp-down rate (Tp to Tsmax)
6 °C/second max
6 °C/second max
Time 25 °C to peak temperature
6 minutes max
8 minutes max
* Tolerance for peak profile temperature(Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature(tp) is defined as a supplier minimum and a user maximu
m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com