Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B90 Datasheet(PDF) 1 Page - Luminus, Inc

Part # SST-10-R-B90
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B90 Datasheet(HTML) 1 Page - Luminus, Inc

  SST-10-R-B90 Datasheet HTML 1Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 2Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Applications
• Horticulture / Growlights
• Accent and effect lighting
• Architectural lighting
• Stage lighting
Features:
• High Power Red LED with Peak Wavelength of 630nm
• Wall-Plug Efficiency: typ. 44% @350mA
• 90 or 130° viewing angle at 50% Iv
• Low Thermal Resistance
• Built-in ESD Protection
• RoHS and REACH compliant
Table of Contents
SST-10 Binning Structure ...2
Product Shipping & Labeling
Information................3
Optical and Electrical
Characteristics .............4
B130 - Mech. Dimensions ...6
B130 - Tape and Reel .......7
B90 - Mech. Dimensions ....8
B90 - Tape and Reel.........9
Soldering Profile ......... 10
Precautions for Use....... 11
History of Changes ....... 12
1
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
SST-10-R
Red LED
SST-10-Red Product Datasheet
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086


Similar Part No. - SST-10-R-B90

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-10-R-B90-G630 LUMINUS-SST-10-R-B90-G630 Datasheet
1Mb / 16P
Red LED
2023
SST-10-R-B90-H630 LUMINUS-SST-10-R-B90-H630 Datasheet
1Mb / 16P
Red LED
2023
SST-10-R-B90-J630 LUMINUS-SST-10-R-B90-J630 Datasheet
1Mb / 16P
Red LED
2023
More results

Similar Description - SST-10-R-B90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUR01NBT-C0 UTC-PUR01NBT-C0 Datasheet
257Kb / 4P
RED HIGH POWER LED
logo
Marktech Corporate
MTE2062NJ1-UR MARKTECH-MTE2062NJ1-UR Datasheet
667Kb / 3P
Peak Emission Wavelength: 630nm
MTE2062N-UR MARKTECH-MTE2062N-UR Datasheet
703Kb / 3P
Peak Emission Wavelength: 630nm
logo
Roithner LaserTechnik G...
SMB1N-670D ROITHNER-SMB1N-670D Datasheet
835Kb / 4P
red high power led
SMB1N-680-02 ROITHNER-SMB1N-680-02 Datasheet
811Kb / 4P
red high power led
SMB1N-740D-02 ROITHNER-SMB1N-740D-02 Datasheet
816Kb / 4P
red high power led
SMB1N-760D ROITHNER-SMB1N-760D Datasheet
727Kb / 4P
red high power led
SMB1N-770-02 ROITHNER-SMB1N-770-02 Datasheet
832Kb / 4P
red high power led
SMB1N-D630-02 ROITHNER-SMB1N-D630-02 Datasheet
835Kb / 4P
red high power led
logo
Luminus, Inc
SST-10-G LUMINUS-SST-10-G Datasheet
1Mb / 13P
Green LED High Power Green LED with Peak Wavelength of 530nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com