Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B90 Datasheet(PDF) 2 Page - Luminus, Inc

Part # SST-10-R-B90
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B90 Datasheet(HTML) 2 Page - Luminus, Inc

  SST-10-R-B90 Datasheet HTML 1Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 2Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
SST-10 Binning Structure
SST-10 Red LEDs are tested for luminous flux and chromaticity at a drive current of 350mA - 20ms single pulse and placed into one of the
following luminous flux (FF) and chromaticity (WW) bins:
Flux Bin (FF)
Minimum Flux (mW)
Maximum Flux (mW)
F
230
270
G
270
310
H
310
350
J
350
390
Flux Bins - Test condition=350mA, 250C, 20ms pulse
Chromaticity Bin (WW)
Minimum Dominant Wavelength (nm)
Maximum Dominant Wavelength (nm)
615
615
620
620
620
625
625
625
630
Dominant Wavelength Bins - Test condition=350mA, 250C, 20ms pulse
*Note:
Luminus maintains a +/- 6% tolerance on flux measurements.
Ordering Information
Products
Ordering Part Number
Description
SST-10-R-B90
SST-10-R-B90-xx123
High Power 1-mm2 Red LED in a 3535 surface mount package and a 90-de-
gree lens
SST-10-R-B130
SST-10-R-B130-xx123
High Power 1-mm2 Red LED in a 3535 surface mount package and a
130-degree lens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com