Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B90 Datasheet(PDF) 11 Page - Luminus, Inc

Part # SST-10-R-B90
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B90 Datasheet(HTML) 11 Page - Luminus, Inc

Back Button SST-10-R-B90 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 9Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 10Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 11Page - Luminus, Inc SST-10-R-B90 Datasheet HTML 12Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
Storage:
1. Before opening the package
The LEDs should be kept at a temperature lower than 40° C and relative humidity lower than 90%. The LEDs should be used within a
year. When storing the LEDs, moisture proof package with absorbent material (silica gel) is recommended.
2. After opening the package
The LEDs should be kept at temperature lower than 30° C and relative humidity lower than 60%. The LEDs should be soldered within
168 hours (7days) after opening the moisture proof package.
If unused LEDs remain, they should be stored in moisture proof packages, such as sealed containers with moisture proof package
within absorbent material (silica gel). It is also recommended to return the unused LEDs to the original moisture proof package and to
seal the moisture proof package again.
If the moisture absorbent material (silica gel) vapors or expires the expiration date, baking treatment should be performed by using
the following conditions : 60 °C for 20 hours.
The LEDs electrode and leadframe comprise a silver plated copper alloy. The silver surface may be affected by environments. Please
avoid conditions which may cause the LEDs to corrode or discolore. The corrosion or discoloration might lower solderability or affect
optical characteristics.
Please avoid rapid transition in ambient temperature, especially in high humidity environments where condensation can occur.
Static Electricity:
1. The products are sensitive to static electricity, and care should be taken when handling them.
2. Static electricity or surge voltage will damage the LEDs. It is recommended to wear a anti-electrostatic wristband or anti-electrostat-
ic gloves when handling the LEDs.
3. All devices, equipment and machinery must be properly grounded. It is recommended that measures be taken against surge volt-
age to the equipment that mounts the LEDs.
Precautions for Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com