Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF69 Datasheet(PDF) 44 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 44 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 40Page - PADAUK Technology. DF69 Datasheet HTML 41Page - PADAUK Technology. DF69 Datasheet HTML 42Page - PADAUK Technology. DF69 Datasheet HTML 43Page - PADAUK Technology. DF69 Datasheet HTML 44Page - PADAUK Technology. DF69 Datasheet HTML 45Page - PADAUK Technology. DF69 Datasheet HTML 46Page - PADAUK Technology. DF69 Datasheet HTML 47Page - PADAUK Technology. DF69 Datasheet HTML 48Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
DF69
DC Fan Controller
5-12-2. Power-Down mode (“stopsys”)
Power-Down mode is the state of deeply power-saving with turning off all the oscillator modules. By using
the “stopsys” instruction, this chip will be put on Power-Down mode directly. The internal low frequency RC
oscillator must be enabled before entering the Power-Down mode, means that bit 2 of register clkmd (0x03)
must be set to high before issuing “stopsys” command in order to resume the system when wakeup. The
following shows the internal status of DF69 in detail when “stopsys” command is issued:
 All the oscillator modules are turned off
 Enable internal low RC oscillator (set bit 2 of register clkmd)
 OTP memory is turned off
 The contents of SRAM and registers remain unchanged
 Wake-up sources: ANY IO toggle.
 If PA or PB is input mode and set to analog input by padier or pbdier register, it can NOT be used to
Wake-up the system.
Wake-up from input pins can be considered as a continuation of normal execution. To minimize power
consumption, all the I/O pins should be carefully manipulated before entering power-down mode. The
reference sample program for power down is shown as below:
CMKMD
=
0xF4;
//
Change clock from IHRC to ILRC
CLKMD.4
=
0;
//
disable IHRC
…
while (1)
{
STOPSYS;
//
enter power-down
if
(…)
break;
//
if wakeup happen and check OK, then return to high speed,
//
else stay in power-down mode again.
}
CLKMD
=
0x34;
//
Change clock from ILRC to IHRC/2
©Copyright 2018, PADAUK Technology Co. Ltd
Page 44 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com