Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF69 Datasheet(PDF) 64 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 64 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 60Page - PADAUK Technology. DF69 Datasheet HTML 61Page - PADAUK Technology. DF69 Datasheet HTML 62Page - PADAUK Technology. DF69 Datasheet HTML 63Page - PADAUK Technology. DF69 Datasheet HTML 64Page - PADAUK Technology. DF69 Datasheet HTML 65Page - PADAUK Technology. DF69 Datasheet HTML 66Page - PADAUK Technology. DF69 Datasheet HTML 67Page - PADAUK Technology. DF69 Datasheet HTML 68Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
DF69
DC Fan Controller
6. IO Registers
6-1. ACC Status Flag Register (flag), IO address = 0x00
Bit
Reset
R/W
Description
7-4
-
-
Reserved. These four bits are “1” when reading.
3
0
R/W
OV (Overflow Flag). This bit is set whenever the sign operation is overflow.
2
0
R/W
AC (Auxiliary Carry Flag). There are two conditions to set this bit, the first one is carry out of
low nibble in addition operation and the other one is borrow from the high nibble into low
nibble in subtraction operation.
1
0
R/W
C (Carry Flag). There are two conditions to set this bit, the first one is carry out in addition
operation, and the other one is borrow in subtraction operation. Carry is also affected by shift
with carry instruction.
0
0
R/W
Z (Zero Flag). This bit will be set when the result of arithmetic or logic operation is zero;
Otherwise, it is cleared.
6-2. FPP unit Enable Register (fppen), IO address = 0x01
Bit
Reset
R/W
Description
7
0
R/W
FPP7 enable. This bit is used to enable FPP7. 0 / 1: disable / enable
6
0
R/W
FPP6 enable. This bit is used to enable FPP6. 0 / 1: disable / enable
5
0
R/W
FPP5 enable. This bit is used to enable FPP5. 0 / 1: disable / enable
4
0
R/W
FPP4 enable. This bit is used to enable FPP4. 0 / 1: disable / enable
3
0
R/W
FPP3 enable. This bit is used to enable FPP3. 0 / 1: disable / enable
2
0
R/W
FPP2 enable. This bit is used to enable FPP2. 0 / 1: disable / enable
1
0
R/W
FPP1 enable. This bit is used to enable FPP1. 0 / 1: disable / enable
0
1
R/W
FPP0 enable. This bit is used to enable FPP0. 0 / 1: disable / enable
6-3. Stack Pointer Register (sp), IO address = 0x02
Bit
Reset R/W
Description
7 - 0
-
R/W
Stack Pointer Register. Read out the current stack pointer, or write to change the stack
pointer.
©Copyright 2018, PADAUK Technology Co. Ltd
Page 64 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com