Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF69 Datasheet(PDF) 21 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 21 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 17Page - PADAUK Technology. DF69 Datasheet HTML 18Page - PADAUK Technology. DF69 Datasheet HTML 19Page - PADAUK Technology. DF69 Datasheet HTML 20Page - PADAUK Technology. DF69 Datasheet HTML 21Page - PADAUK Technology. DF69 Datasheet HTML 22Page - PADAUK Technology. DF69 Datasheet HTML 23Page - PADAUK Technology. DF69 Datasheet HTML 24Page - PADAUK Technology. DF69 Datasheet HTML 25Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
DF69
DC Fan Controller
5. Functional Description
5-1. Processing Units
There are eight processing units (FPP unit) inside the DF69. In every processing unit, it includes (i) its own
Program Counter to control the program execution sequence (ii) its own Stack Pointer to store or restore the
program counter for program execution (iii) its own accumulator (iv) Status Flag to record the status of program
execution. Each FPP unit has its own program counter and accumulator for program execution, flag register to
record the status, and stack pointer for jump operation. Based on such architecture, FPP unit can execute its
own program independently, thus parallel processing can be expected.
These eight FPP units share the same 4Kx16 bits OTP user program memory, 208 bytes data SRAM and all
the IO ports, these eight FPP units are operated at mutual exclusive clock cycles to avoid interference. One
task switch is built inside the chip to decide which FPP unit should be active for the corresponding cycle. The
hardware diagram of processing units is illustrated in Fig. 5-1-1.
Fig. 5-1-1 Hardware Diagram of Processing units
These eight FPP units are operated at mutual exclusive clock cycles and can be enabled independently. The
system performance is shared to the assigned FPP units via pmode command; please refer to the description
of pmode instruction. The bandwidth assignment is nothing to do with FPP enable, means that the bandwidth
is also allocated to the assigned FPP unit even though it is disabled.
Program Counter 0
Stack Pointer 0
Accumulator 0
Flag register 0
FPP0
Program Counter 1
Stack Pointer 1
Accumulator 1
Flag register 1
FPP1
4KW OTP
User
Program
Memory
208 bytes
SRAM
IO Port
Task Switch
Program Counter 7
Stack Pointer 7
Accumulator 7
Flag register 7
FPP7
Hardware
Modules
©Copyright 2018, PADAUK Technology Co. Ltd
Page 21 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com