Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF69 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 35Page - PADAUK Technology. DF69 Datasheet HTML 36Page - PADAUK Technology. DF69 Datasheet HTML 37Page - PADAUK Technology. DF69 Datasheet HTML 38Page - PADAUK Technology. DF69 Datasheet HTML 39Page - PADAUK Technology. DF69 Datasheet HTML 40Page - PADAUK Technology. DF69 Datasheet HTML 41Page - PADAUK Technology. DF69 Datasheet HTML 42Page - PADAUK Technology. DF69 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
DF69
DC Fan Controller
5-9. 8-bit Timer (Timer2)
One 8-bit hardware timer (Timer2) is implemented in the DF69; please refer to Fig. 5-9-1, shown its hardware
diagram. The clock sources of Timer2 may come from system clock (CLK), internal high RC oscillator (IHRC),
internal low RC oscillator (ILRC), PA0, PB0 and PA4, bit [7:4] of register tm2c is used to select the clock
source of Timer2. If IHRC is selected as the clock source, the clock signal sent to Timer2 will keep running
when using ICE in halt state. A clock pre-scaling module is provided with divided-by-1, 4, 16, and 64 options,
controlled by bit [6:5] of tm2s register; one scaling module with divided-by-1~31 is also provided and controlled
by bit [4:0] of tm2s register. In conjunction of pre-scaling function and scaling function, the frequency of Timer2
clock (TM2_CLK) can be wide range and flexible.
The Timer2 counter performs 8-bit up-counting operation only; the 8-bit counter will be clear to zero and
generate interrupt request automatically whenever its values reach to that of bound register tm2b, the bound
register is used to define the period of Timer2. The timing diagram of Timer2 is shown in Fig.5-9-2.
Fig. 5-9-1 Timer2 hardware diagram
Fig. 5-9-2 Timing diagram of Timer2
M
U
X
tm2c[7:4]
CLK,
IHRC,
ILRC,
PA0,
~PA0,
PB0,
~PB0,
PA4,
~PA4
Pre-
scalar
÷
1, 4,
16, 64
tm2s[6:5]
Scalar
÷
1 ~ 31
tm2s[4:0]
8-bit
up
counter
Bound
register
tm2b[7:0]
To request
interrupt
M
U
X
tm2c[7:4]
CLK,
IHRC,
ILRC,
PA0,
~PA0,
PB0,
~PB0,
PA4,
~PA4
Pre-
scalar
÷
1, 4,
16, 64
tm2s[6:5]
Scalar
÷
1 ~ 31
tm2s[4:0]
8-bit
up
counter
Bound
register
tm2b[7:0]
To request
interrupt
Time
Counter
0xFF
Bound values
Time out and
Interrupt request
0x00
Time
Counter
0xFF
Bound values
Time out and
Interrupt request
0x00
©Copyright 2018, PADAUK Technology Co. Ltd
Page 39 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com