Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS122 Datasheet(PDF) 60 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 60 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 56Page - PADAUK Technology. PFS122 Datasheet HTML 57Page - PADAUK Technology. PFS122 Datasheet HTML 58Page - PADAUK Technology. PFS122 Datasheet HTML 59Page - PADAUK Technology. PFS122 Datasheet HTML 60Page - PADAUK Technology. PFS122 Datasheet HTML 61Page - PADAUK Technology. PFS122 Datasheet HTML 62Page - PADAUK Technology. PFS122 Datasheet HTML 63Page - PADAUK Technology. PFS122 Datasheet HTML 64Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 60 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
Data$0
=
ADCRL;
Data
=
Data >> 4;
The ADC can be disabled by using the following method:
$
ADCC
Disable;
or
ADCC
=
0;
5.13.5 How to calculate ADC input voltage VIN
For PFS122, only VDD but not 1.2V bandgap voltage can be selected as the VREF of the ADC. When VDD
is not regulated, users have to use the reading of 1.2V bandgap voltage to deduce the input voltage (VIN)
by the ratio of the readings. The principle is as below:
VBG / VDD = NBG / 4096
....(1)
VIN / VDD = NIN / 4096
....(2)
Where VIN is the analog input voltage
VBG is the 1.2V bandgap voltage
NIN is the corresponding ADC reading of VIN
NBG is the corresponding ADC reading of VBG
VDD is the VDD at the measuring instant
4096 is the full swing reading when VIN=VDD (12bit: 2
12 = 4096)
(2)/(1) we get
VIN/VBG = NIN/NBG
And so
VIN = NIN / NBG *VBG
It means users can firstly get the readings for VIN and VBG respectively in a very short period that VDD
remains unchanged. And then use multiplication and division program module or use look-up table
method to finally get the VIN voltage.
If necessary, please contact FAE for demo code reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com