Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS122 Datasheet(PDF) 3 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 3 Page - PADAUK Technology.

  PFS122 Datasheet HTML 1Page - PADAUK Technology. PFS122 Datasheet HTML 2Page - PADAUK Technology. PFS122 Datasheet HTML 3Page - PADAUK Technology. PFS122 Datasheet HTML 4Page - PADAUK Technology. PFS122 Datasheet HTML 5Page - PADAUK Technology. PFS122 Datasheet HTML 6Page - PADAUK Technology. PFS122 Datasheet HTML 7Page - PADAUK Technology. PFS122 Datasheet HTML 8Page - PADAUK Technology. PFS122 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 3 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
Table of Contents
1. Features ................................................................................................................................. 8
1.1.
Special Features .....................................................................................................................8
1.2.
System Features .....................................................................................................................8
1.3.
CPU Features .........................................................................................................................8
1.4.
Package Information ...............................................................................................................8
2. General Description and Block Diagram ............................................................................ 9
3. Pin Assignment and Description....................................................................................... 10
4. Device Characteristics ....................................................................................................... 16
4.1.
AC/DC Device Characteristics...............................................................................................16
4.2.
Absolute Maximum Ratings...................................................................................................18
4.3.
Typical ILRC frequency vs. VDD ...........................................................................................18
4.4.
Typical IHRC frequency deviation vs. VDD (calibrated to 16MHz).........................................18
4.5.
Typical ILRC Frequency vs. Temperature .............................................................................19
4.6.
Typical IHRC Frequency vs. Temperature (calibrated to 16MHz) ..........................................19
4.7.
Typical operating current vs. VDD @ system clock = ILRC/n ................................................20
4.8.
Typical operating current vs. VDD @ system clock = IHRC/n................................................20
4.9.
Typical operating current vs. VDD @ system clock = 4MHz EOSC / n ..................................21
4.10.
Typical operating current vs. VDD @ system clock = 32KHz EOSC / n.................................21
4.11.
Typical operating current vs. VDD @ system clock = 1MHz EOSC / n ..................................22
4.12.
Typical IO driving current (IOH) and sink current (IOL) .............................................................22
4.13.
Typical IO input high/low threshold voltage (VIH/VIL) ..............................................................24
4.14.
Typical resistance of IO pull high/low device .........................................................................25
4.15.
Typical power down current (IPD) and power save current (IPS)..............................................26
5. Functional Description....................................................................................................... 27
5.1.
Program Memory - MTP........................................................................................................27
5.2.
Boot Procedure .....................................................................................................................27
5.2.1.
Timing charts for reset conditions ..............................................................................28
5.3.
Data Memory - SRAM ...........................................................................................................29
5.4.
Oscillator and clock ...............................................................................................................29
5.4.1.
Internal High RC oscillator and Internal Low RC oscillator .........................................29
5.4.2.
Chip calibration..........................................................................................................29
5.4.3.
IHRC Frequency Calibration and System Clock.........................................................30
5.4.4.
External Crystal Oscillator .........................................................................................31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com