Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS122 Datasheet(PDF) 13 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 13 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 9Page - PADAUK Technology. PFS122 Datasheet HTML 10Page - PADAUK Technology. PFS122 Datasheet HTML 11Page - PADAUK Technology. PFS122 Datasheet HTML 12Page - PADAUK Technology. PFS122 Datasheet HTML 13Page - PADAUK Technology. PFS122 Datasheet HTML 14Page - PADAUK Technology. PFS122 Datasheet HTML 15Page - PADAUK Technology. PFS122 Datasheet HTML 16Page - PADAUK Technology. PFS122 Datasheet HTML 17Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 13 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
Pin Name
Pin Type &
Buffer Type
Description
PA5 /
PRSTB
IO
ST /
CMOS
The functions of this pin can be:
(1) Bit 5 of port A. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Hardware reset.
This pin can be used to wake-up system during sleep mode; however, wake-up
function is also disabled if bit 5 of padier register is “0”.
PA4 /
AD9 /
CIN+ /
CIN1- /
INT1
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 4 of port A. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 9 of ADC analog input.
(3) Plus input source of comparator
(4) Minus input source 1 of comparator
(5) External interrupt line 1. It can be used as an external interrupt line 1. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting.
When this pin is configured as analog input, please use bit 4 of register padier to
disable the digital input to prevent current leakage. The bit 4 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
PA3 /
AD8 /
CIN0- /
TM2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port A. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 8 of ADC analog input
(3) Minus input source 0 of comparator
(4) PWM output from Timer2
When this pin is configured as analog input, please use bit 3 of register padier to
disable the digital input to prevent current leakage. The bit 3 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
PA0 /
AD10 /
CO /
INT0
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 0 of port A. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 10 of ADC analog input
(3) Output of comparator
(4) External interrupt line 0. It can be used as an external interrupt line 0. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting.
When this pin is configured as analog input, please use bit 0 of register padier to
disable the digital input to prevent current leakage. The bit 0 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com