Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS122 Datasheet(PDF) 68 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 68 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 64Page - PADAUK Technology. PFS122 Datasheet HTML 65Page - PADAUK Technology. PFS122 Datasheet HTML 66Page - PADAUK Technology. PFS122 Datasheet HTML 67Page - PADAUK Technology. PFS122 Datasheet HTML 68Page - PADAUK Technology. PFS122 Datasheet HTML 69Page - PADAUK Technology. PFS122 Datasheet HTML 70Page - PADAUK Technology. PFS122 Datasheet HTML 71Page - PADAUK Technology. PFS122 Datasheet HTML 72Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 68 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
6.24. Comparator Control Register (gpcc), IO address = 0x2b
Bit
Reset
R/W
Description
7
0
R/W
Enable comparator. 0 / 1 : disable / enable
When this bit is set to enable, please also set the corresponding analog input pins to be
digital disable to prevent IO leakage.
6
-
RO
Comparator result of comparator.
0: plus input < minus input
1: plus input > minus input
5
0
R/W
Select whether the comparator result output will be sampled by TM2_CLK?
0: result output NOT sampled by TM2_CLK
1: result output sampled by TM2_CLK
4
0
R/W
Inverse the polarity of result output of comparator.
0: polarity is NOT inversed.
1: polarity is inversed.
3 - 1
000
R/W
Selection the minus input (-) of comparator.
000 : PA3
001 : PA4
010 : Internal 1.20 volt bandgap reference voltage
011 : Vinternal R
100 : PB6 (not for ICE)
101 : PB7 (not for ICE)
11X: reserved
0
0
R/W
Selection the plus input (+) of comparator.
0 : Vinternal R
1 : PA4
6.25. Comparator Selection Register (gpcs), IO address = 0x2c
Bit
Reset
R/W
Description
7
0
WO
Comparator output enable (to PA0).
0 / 1 : disable / enable
6
0
WO
Wakeup by comparator enable. (The comparator wakeup effectively when gpcc.6 electrical
level changed)Reserved.
0 / 1 : disable / enable
5
0
WO
Selection of high range of comparator.
4
0
WO
Selection of low range of comparator.
3 - 0
0000
WO
Selection the voltage level of comparator.
0000 (lowest) ~ 1111 (highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com