Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS232 Datasheet(PDF) 68 Page - PADAUK Technology.

Part # PMS232
Description  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 Datasheet(HTML) 68 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 64Page - PADAUK Technology. PMS232 Datasheet HTML 65Page - PADAUK Technology. PMS232 Datasheet HTML 66Page - PADAUK Technology. PMS232 Datasheet HTML 67Page - PADAUK Technology. PMS232 Datasheet HTML 68Page - PADAUK Technology. PMS232 Datasheet HTML 69Page - PADAUK Technology. PMS232 Datasheet HTML 70Page - PADAUK Technology. PMS232 Datasheet HTML 71Page - PADAUK Technology. PMS232 Datasheet HTML 72Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 68 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
6-28. Timer2 Control Register (tm2c), IO address = 0x3c
Bit
Reset
R/W
Description
7 - 4
0000
R/W
Timer2 clock selection.
0000 : disable
0001 : system clock
0010 : internal high RC oscillator (IHRC)
0011 : reserved
0100 : ILRC
0101 : reserved
011x : reserved
1000 : PA0 (rising edge)
1001 : ~PA0 (falling edge)
1010 : PA3 (rising edge)
1011 : ~PA3 (falling edge)
1100 : PA4 (rising edge)
1101 : ~PA4 (falling edge)
Notice: In ICE mode and IHRC is selected for Timer2 clock, the clock sent to Timer2
does NOT be stopped, Timer2 will keep counting when ICE is in halt state.
3–2
00
R/W
Timer2 output selection.
00 : disable
01 : PA2
10 : PA3
11 : reserved
1
0
R/W
Timer2 mode selection.
0 / 1 : period mode / PWM mode
0
0
R/W
Enable to inverse the polarity of Timer2 output.
0 / 1: disable / enable.
6-29. Timer2 Counter Register (tm2ct), IO address = 0x3d
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Bit [7:0] of Timer2 counter register.
6-30. Timer2 Scalar Register (tm2s), IO address = 0x37
Bit
Reset
R/W
Description
7
0
WO
PWM resolution selection.
0 : 8-bit
1 : 6-bit
6 - 5
00
WO
Timer2 clock pre-scalar.
00 : ÷ 1
01 : ÷ 4
10 : ÷ 16
11 : ÷ 64
4 - 0
00000
WO
Timer2 clock scalar.
6-31. Timer2 Bound Register (tm2b), IO address = 0x09
Bit
Reset
R/W
Description
7 - 0
0x00
WO
Timer2 bound register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com