Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS232 Datasheet(PDF) 33 Page - PADAUK Technology.

Part # PMS232
Description  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 Datasheet(HTML) 33 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 29Page - PADAUK Technology. PMS232 Datasheet HTML 30Page - PADAUK Technology. PMS232 Datasheet HTML 31Page - PADAUK Technology. PMS232 Datasheet HTML 32Page - PADAUK Technology. PMS232 Datasheet HTML 33Page - PADAUK Technology. PMS232 Datasheet HTML 34Page - PADAUK Technology. PMS232 Datasheet HTML 35Page - PADAUK Technology. PMS232 Datasheet HTML 36Page - PADAUK Technology. PMS232 Datasheet HTML 37Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 33 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
5-3. Program Structure
5-3-1. Program structure of two FPP units mode
After power-up, the program starting address of FPP0 is 0x000 and 0x001 for FPP1. The 0x010 is the entry
address of interrupt service routine, which belongs to FPP0 only. The basic firmware structure for
PMC232/PMS232 is shown as Fig. 4, the program codes of two FPP units are placed in one whole program
space. Except for the initial addresses of processing units and entry address of interrupt, the memory location
is not specially specified; the program codes of processing unit can be resided at any location no matter what
the processing unit is. After power-up, the fpp0Boot will be executed first, which will include the system
initialization and other FPP units enabled.
.romadr 0x00
// Program Begin
goto
fpp0Boot;
goto
fpp1Boot;
//------Interrpt service Routine-----------------
.romadr 0x010
pushaf ;
t0sn
intrq.0;
//PA.0 ISR
goto
ISR_PA0;
t0sn
intrq.1;
//PB.0 ISR
…
goto
ISR_PB0;
//------End of ISR---------
//------ Begin of FPP0 ----------
fpp0Boot :
//--- Initialize FPP0 SP and so on…
…
fpp0Loop:
…
goto fpp0Loop:
//------ End of FPP0 --------
//------ Begin of FPP1 ----------
fpp1Boot :
//--- Initialize FPP1 SP and so on…
…
fpp1Loop:
…
goto fpp1Loop:
//--------- End of FPP1 --------
FPP0 function
subroutine
FPP1 function
subroutine
Fig.4: Program Structure
5-3-2. Program structure of single FPP mode
After power-up, the program starting address of FPP0 is 0x000, 0x010 is the entry address of interrupt
service routine. For single FPP unit mode, the firmware structure is same as traditional MCU. After power-up,
the program will be executed from address 0x000, then continuing the program sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com