Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS232 Datasheet(PDF) 92 Page - PADAUK Technology.

Part # PMS232
Description  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 Datasheet(HTML) 92 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 86Page - PADAUK Technology. PMS232 Datasheet HTML 87Page - PADAUK Technology. PMS232 Datasheet HTML 88Page - PADAUK Technology. PMS232 Datasheet HTML 89Page - PADAUK Technology. PMS232 Datasheet HTML 90Page - PADAUK Technology. PMS232 Datasheet HTML 91Page - PADAUK Technology. PMS232 Datasheet HTML 92Page - PADAUK Technology. PMS232 Datasheet HTML 93Page - PADAUK Technology. PMS232 Datasheet HTML 94Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 92 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
9-2-7. LVR
(1) VDD must reach or above 2.2V for successful power-on process; otherwise IC will be inactive.
(2) The setting of LVR (1.8V, 2.0V, 2.2V etc) will be valid just after successful power-on process.
9-2-8. IHRC
(1) The IHRC frequency calibration is performed when IC is programmed by the writer.
(2) Because the characteristic of the Epoxy Molding Compound (EMC) would some degrees affects the IHRC
frequency (either for package or COB), if the calibration is done before molding process, the actual IHRC
frequency after molding may be deviated or becomes out of spec. Normally , the frequency is getting
slower a bit.
(3) It usually happens in COB package or Quick Turnover Programming (QTP). And PADAUK would not take
any responsibility for this situation.
(4) Users can make some compensatory adjustments according to their own experiences. For example, users
can set IHRC frequency to be 0.5% ~ 1% higher and aim to get better re-targeting after molding.
9-2-9. Program writing
There are 8 pins for using the writer to program: PA0,PA3, PA4, PA5, PA6, PA7, VDD, and GND.
User can program PMC232/PMS232 from using PDK3S-P-002:
(1) Put the PMC232/PMS232-S14/D14 in the top of the textool over the CN36.
(2) Put the PMC232/PMS232-S20/D20 in the top of the textool over the CN37.
(3) Put the PMC232/PMS232-S18/D18 to move down one space over CN37.
(4) Other packages could be programmed by user’s way.
All the left signs behind the jumper are the same (there are VDD, PA0, PA3, PA4, PA5, PA6, PA7, and
GND).The following picture is shown:
If user use PDK5S-P-003 or above to program, please follow the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com