Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS232 Datasheet(PDF) 87 Page - PADAUK Technology.

Part # PMS232
Description  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 Datasheet(HTML) 87 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 83Page - PADAUK Technology. PMS232 Datasheet HTML 84Page - PADAUK Technology. PMS232 Datasheet HTML 85Page - PADAUK Technology. PMS232 Datasheet HTML 86Page - PADAUK Technology. PMS232 Datasheet HTML 87Page - PADAUK Technology. PMS232 Datasheet HTML 88Page - PADAUK Technology. PMS232 Datasheet HTML 89Page - PADAUK Technology. PMS232 Datasheet HTML 90Page - PADAUK Technology. PMS232 Datasheet HTML 91Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 87 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
8. Code Options
Option
Selection
Description
Security
Enable
Security Enable
Disable
Security Disable
LVR
4.1V
Select LVR = 4.1V
3.6V
Select LVR = 3.6V
3.1V
Select LVR = 3.1V
2.8V
Select LVR = 2.8V
2.5V
Select LVR = 2.5V
2.2V
Select LVR = 2.2V
2.0V
Select LVR = 2.0V
1.8V
Select LVR = 1.8V
Under_20mS_VDD_OK
Yes
reach normal operating voltage quickly within 20 mS
No
can’t reach normal operating voltage quickly within 20 mS
FPPA
1-FPPA
Single FPP unit mode
2-FPPA
Two FPP units mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com