Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R05-3A Datasheet(PDF) 2 Page - Kemet Corporation

Part # FG-R05-3A
Description  Residual current sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R05-3A Datasheet(HTML) 2 Page - Kemet Corporation

  FG-R05-3A Datasheet HTML 1Page - Kemet Corporation FG-R05-3A Datasheet HTML 2Page - Kemet Corporation FG-R05-3A Datasheet HTML 3Page - Kemet Corporation FG-R05-3A Datasheet HTML 4Page - Kemet Corporation FG-R05-3A Datasheet HTML 5Page - Kemet Corporation FG-R05-3A Datasheet HTML 6Page - Kemet Corporation FG-R05-3A Datasheet HTML 7Page - Kemet Corporation FG-R05-3A Datasheet HTML 8Page - Kemet Corporation FG-R05-3A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Part
FG-R05-3A
ESA8111-179
page
2/11
4/6/2020
1. Scope
This datasheet applies to the specification of Residual current sensor FG-R05-3A
2. Introduction
This sensor FG-R05-3A is a high-sensitivity DC/AC current sensor that can detect leakage current of DC and
AC. If DC fault occurs, PIN 4 will change state from low level to high impedance. If AC fault occurs, PIN5 will
change state form low level to high impedance.
This sensor has a test coil for testing the operation of the sensor, and by inputting a signal from the outside it
is possible to pass a test current to the test coil. It also outputs a digital signal informing that leakage current of
DC/AC has been detected.
Features
For IC-CPD to the standard IEC 62752:2016
UL2231(CCID20)
Open-loop, Flux-gate type current sensor
PCB mounting
Digital output of fault detection
3. Pin assignment
4. Marking
Pin No.
Symbol
Pin type
Functions
1
VDD
Power
Power supply, 5V
2
GND
Power
Ground
3
AOUT
Analog out.
Analog output.
This is for monitoring purposes and is not safety function!
Offset voltage is 2.25 V(Typ.).
Sensitivity is 40V/A(Typ.)
4
DC Alarm
Digital Out
Active high if DC current is in the range of 3 to 6mA.
Pull up to VDD with 1k-ohm resistor.
5
AC Alarm
Digital Out
Active high if AC current is in the range of 15 to 20mA.
Pull up to VDD with 1k-ohm resistor
IEC62752 & UL2231(CCID20)
6
TEST
Input
Test input. Internal pull-down with 100kohm.
When input positive pulse input(>120usec), test sequence is start.
Parameter
Specification
Typ.
Units
Dimension
38 x 31 x 13
mm
Inner diameter
φ12.6
mm
Mass
18
g
Marking
Part Number
Product Number
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
2D Code : Purpose for Internal manufacturing control * out of spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com