Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R05-3A Datasheet(PDF) 4 Page - Kemet Corporation

Part # FG-R05-3A
Description  Residual current sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R05-3A Datasheet(HTML) 4 Page - Kemet Corporation

  FG-R05-3A Datasheet HTML 1Page - Kemet Corporation FG-R05-3A Datasheet HTML 2Page - Kemet Corporation FG-R05-3A Datasheet HTML 3Page - Kemet Corporation FG-R05-3A Datasheet HTML 4Page - Kemet Corporation FG-R05-3A Datasheet HTML 5Page - Kemet Corporation FG-R05-3A Datasheet HTML 6Page - Kemet Corporation FG-R05-3A Datasheet HTML 7Page - Kemet Corporation FG-R05-3A Datasheet HTML 8Page - Kemet Corporation FG-R05-3A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Part
FG-R05-3A
ESA8111-179
page
4/11
4/6/2020
6-2. ESD
Judgment: Idn (DC) within Specification of 6-1 items after ESD test
Parameter
Judge
Electrostatic Discharge Voltage
Human-body model (HBM)
R=1.5k
, C=100pF, U=+/-2kV
Passed
Electrostatic Discharge Voltage
Charged-device model (CDM)
U=+/-800V
Passed
6-3. EMC
Judgment: DC Alarm and AC Alarm do not malfunction during noise stimulation
Parameter
Conditions
Judge
IEC 61000-4-3
Radiated, radio-frequency,
electromagnetic field immunity
30V/m,
80MHz – 1GHz 80%AM 1kHz
Passed
ISO 11452-2 (ALSE)
electrical disturbances from
narrowband radiated
electromagnetic energy
50V/m
200MHz – 800MHz 80%AM 1kHz,
800MHz – 2GHz PM
Passed
ISO 11452-4 (BCI)
Electrical disturbances from
narrowband radiated
electromagnetic energy
100mA
20MHz – 200MHz 80% AM 1kHz
Passed
6-4. Dielectric strength
Parameter
Conditions
Value
UW, prim-sec
Impulse(1.2us/50us),
PIN1-6 vs insulated primary wire,
5 pulse -> polarity +, 5 pulse -> polarity -
5.5kVrms
Ud
Test voltage, 60s
PIN1-6 vs insulated primary wire
1.5kVrms
UPDx1.5
Partial discharge voltage,
PIN1-6 vs insulated primary wire
*acc. to table 24
1.2kVrms
UPDx1.875
Partial discharge voltage,
PIN1-6 vs insulated primary wire
*acc. to table 24
1.5kVrms
* IEC 61800-5-1:2007
Note2:
The case is Insulation material group III.
When designing the primary wire, be careful of clearance and creepage distance from the
input/output terminal.
Note3: Please See Appendix2 for recommended wire configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com